Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1227 Datasheet (PDF) - IMP, Inc

C1227 Datasheet PDF - IMP, Inc
Part # C1227
Download  C1227 Download
File Size   28.05 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description HV BiCMOS 1.2mm 30V Double Metal - Double Poly

C1227 Datasheet (PDF)

Go To PDF Page Download Datasheet
C1227 Datasheet PDF - IMP, Inc

Part # C1227
Download  C1227 Click to download

File Size   28.05 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description HV BiCMOS 1.2mm 30V Double Metal - Double Poly

C1227 Datasheet (HTML) - IMP, Inc


C1227 Product details


Coming Soon.

If you have some information on related parts, please share useful information by adding links below.




Similar Part No. - C1227

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122 SSDI-C122 Datasheet
215Kb / 4P
8-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C122 DIGITRON-C122 Datasheet
358Kb / 4P
8A SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C122 NJSEMI-C122 Datasheet
91Kb / 1P
C122 SERIES
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
logo
TDK Electronics
C1220CH0G105B020A TDK-C1220CH0G105B020A Datasheet
110Kb / 8P
Part Number Change Notification
More results


Similar Description - C1227

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STKM2000 STMICROELECTRONICS-STKM2000 Datasheet
111Kb / 10P
2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
Nov-1989
logo
IMP, Inc
C1226 IMP-C1226 Datasheet
42Kb / 2P
CMOS 1.2um 100V CMOS, Double Metal - Double Poly
logo
Pasternack Enterprises,...
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
Double Pole Double Throw Relay Switch
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
Double Pole Double Throw Relay Switch
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
Double Pole Double Throw Relay Switch
logo
Glenair, Inc.
667-217 GLENAIR-667-217 Datasheet
152Kb / 1P
Double-Start ACME Thread Metal Protective Cover
logo
PHOENIX CONTACT
3000610 PHOENIX-3000610 Datasheet
82Kb / 6P
Double-level terminal block - UTTB 4 HV
logo
List of Unclassifed Man...
CA2W ETC1-CA2W Datasheet
225Kb / 5P
Air Cylinder/Double Acting Double Rod
logo
WAGO Kontakttechnik Gmb...
2002-2951 WAGO-2002-2951 Datasheet
679Kb / 19P
Double-deck, double-disconnect terminal block
23.11.2021
2002-2958 WAGO-2002-2958 Datasheet
716Kb / 19P
Double-deck, double-disconnect terminal block
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com