Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1226 Datasheet (PDF) - IMP, Inc

C1226 Datasheet PDF - IMP, Inc
Part # C1226
Download  C1226 Download
File Size   42.8 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description CMOS 1.2um 100V CMOS, Double Metal - Double Poly

C1226 Datasheet (PDF)

Go To PDF Page Download Datasheet
C1226 Datasheet PDF - IMP, Inc

Part # C1226
Download  C1226 Click to download

File Size   42.8 Kbytes
Page   2 Pages
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc
Description CMOS 1.2um 100V CMOS, Double Metal - Double Poly

C1226 Datasheet (HTML) - IMP, Inc


C1226 Product details

CMOS 1.2µm 100V CMOS, Double Metal - Double Poly




Similar Part No. - C1226

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
C122 SSDI-C122 Datasheet
215Kb / 4P
8-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
C122 DIGITRON-C122 Datasheet
358Kb / 4P
8A SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
C122 NJSEMI-C122 Datasheet
91Kb / 1P
C122 SERIES
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
logo
TDK Electronics
C1220CH0G105B020A TDK-C1220CH0G105B020A Datasheet
110Kb / 8P
Part Number Change Notification
More results


Similar Description - C1226

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
C1227 IMP-C1227 Datasheet
28Kb / 2P
HV BiCMOS 1.2mm 30V Double Metal - Double Poly
C0810 IMP-C0810 Datasheet
30Kb / 2P
CMOS 0.8mm High-Resistance Poly for Analog
logo
List of Unclassifed Man...
MRD520A ETC1-MRD520A Datasheet
80Kb / 9P
1.2um CMOS integrated circuit for purpose of amplification
logo
ATMEL Corporation
TS80C51U2 ATMEL-TS80C51U2 Datasheet
1,009Kb / 67P
Double UART 8-bit CMOS Microcontroller
logo
TEMIC Semiconductors
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
Double UART 8-bit CMOS Microcontroller, 0-60 MHz
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245_11 Datasheet
216Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Suntsu Electronics, Inc...
SOC20C SUNTSU-SOC20C Datasheet
416Kb / 3P
Metal DIP CMOS OCXO
SOC36C SUNTSU-SOC36C Datasheet
415Kb / 3P
Metal DIP CMOS OCXO
SOC50C SUNTSU-SOC50C Datasheet
451Kb / 3P
Metal DIP CMOS OCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com