Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet (PDF) - STMicroelectronics

STKM2000 Datasheet PDF - STMicroelectronics
Part # STKM2000
Download  STKM2000 Download
File Size   111.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS

STKM2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
STKM2000 Datasheet PDF - STMicroelectronics

Part # STKM2000
Download  STKM2000 Click to download

File Size   111.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS

STKM2000 Datasheet (HTML) - STMicroelectronics


STKM2000 Product details

ASIC PRODUCTS DESCRIPTION
With the STKM2000 series, SGS-THOMSON Microelectronics introduces the “state of the art” product for analog signal processing, chain from sensor to actuator.
The introduction of new concepts (cells library and CAD) opens the design of analog functions and mixed analog and digital circuits with a safe and powerful approach. This new ASIC approach is the combination of innovative :
● BICMOS process
● Mixed libraries (ANALOG + DIGITAL)
● Generators and compilers
● “User friendly” CAD system
● Customer interface

■ ADVANCED BICMOS 2 µ/2 POLY/ 2 METAL PROCESS
■ TWIN TUB PROCESS
■ HIGH LATCH-UP IMMUNITY
■ POWER SUPPLY :
   MAXIMUM RATING : -0.5V TO 12V
   OPERATING CONDITIONS : 3V TO 10V
■ MIXED ANALOG - DIGITAL LIBRARY :
   ANALOG BIPOLAR LIBRARY
   ANALOG CMOS LIBRARY
   ANALOG BICMOS LIBRARY
   DIGITAL CMOS LIBRARY
■ HIGH PROCESS PERFORMANCES:
   TRANSITION FREQUENCY, NPN = 6 GHz
   VERTICAL PNP = 2, 5 GHz
   DIGITAL CMOS OPERATING FREQUENCY : UP TO 30 MHz
■ CAD SOFTWARE SUPPORT:
   FULLY INTEGRATED A.D.S. (ANALOG DESIGN SYSTEM) WITH ANALOG BLOCK GENERATORS, SWITCHED CAPACITOR FILTER
   COMPILER; DIGITAL FUNCTIONS GENERATOR, RAM, ROM, PLA GENERATORS
■ AVAILABILITY OF EEPROM DEVICES, ZENER DIODE, SCHOTTKY DIODE
■ OPERATING TEMPERATURE RANGE:
   COMMERCIAL: 0 TO 70°C
   INDUSTRIAL: -40 TO 85°C
   MILITARY: -55 TO 125°C
■ PACKAGE OPTIONS:
   DIL: PLASTIC OR CERAMIC
   SMD: SO, PLCC, QFP
   WAFER OR DIE




Similar Part No. - STKM2000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK 4853 SANYO-STK 4853 Datasheet
377Kb / 4P
Integrated circuit
logo
List of Unclassifed Man...
STK-0029 ETC-STK-0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
STK-0050 ETC-STK-0050 Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
logo
SYC Electronica
STK-0050 SYC-STK-0050 Datasheet
60Kb / 1P
50W MIN. AF POWER AMPLIFIER
logo
List of Unclassifed Man...
STK-0050A ETC-STK-0050A Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
More results


Similar Description - STKM2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
logo
Rohm
BU9761FS ROHM-BU9761FS Datasheet
70Kb / 6P
Quad 2-input / 2-output analog switch
logo
Integrated Device Techn...
IDT723612 IDT-IDT723612 Datasheet
350Kb / 29P
BiCMOS SyncBiFIFOO 64 x 36 x 2
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
logo
IMP, Inc
C1227 IMP-C1227 Datasheet
28Kb / 2P
HV BiCMOS 1.2mm 30V Double Metal - Double Poly
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
logo
List of Unclassifed Man...
12BH220-GR ETC2-12BH220-GR Datasheet
79Kb / 1P
Battery Holder 2 C Cells
logo
Pericom Semiconductor C...
PT8A995 PERICOM-PT8A995 Datasheet
133Kb / 10P
Digital Proportional Remote Controller with 2 Analog CHs & 2 Digital CHs
logo
Schneider Electric
BMXAMM0600 SCHNEIDER-BMXAMM0600 Datasheet
149Kb / 5P
mixed analog I/O module X80 - 4 inputs - 2 outputs
Apr 18, 2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com