Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STKM2000
Description  2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STKM2000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STKM2000 Datasheet HTML 2Page - STMicroelectronics STKM2000 Datasheet HTML 3Page - STMicroelectronics STKM2000 Datasheet HTML 4Page - STMicroelectronics STKM2000 Datasheet HTML 5Page - STMicroelectronics STKM2000 Datasheet HTML 6Page - STMicroelectronics STKM2000 Datasheet HTML 7Page - STMicroelectronics STKM2000 Datasheet HTML 8Page - STMicroelectronics STKM2000 Datasheet HTML 9Page - STMicroelectronics STKM2000 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDD
Supply voltage
- 0.5
12.0
V
VI, VO
I/O voltage
- 0.5
VDD + 0.5
V
II, IO
I/O current
- 40
+ 40
nA
Tstg
storage temp. (ceramic)
- 65
+ 150
oC
storage temp. (plastic)
- 40
+ 125
oC
RECOMMENDED DC OPERATING CONDITIONS
Voltage referred to VSS
Symbol
Parameter
Min
Max
Unit
VDD
Operating supply voltage
2.7
11
V
Tamb
Operating ambient temperature
Military
- 55
+ 125
oC
Industrial
- 40
+ 85
oC
Commercial
0
+ 70
oC
Note 1: Stresses above those under “maximum
ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation for the device at these or any other
conditions above indicated in the operational
sections of this specification is not implied.
Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
DIGITAL LIBRARY AC ELECTRICAL CHARACTERISTICS ABSTRACT
Standard condition = 2 loads + 1 mm of metal interconnect
Cell code
Description
VDD = 10V
± 10%, T = 25oC
Unit
TPHL
TPLH
OTHER
IV1
Standard inverter
2.26
2.01
ns
ND2
2 - input NAND
1.74
2.44
ns
NR2
2 - input NOR
2.55
2.02
ns
FD1
D Flip - Flop
From C to QN
6.44
8.26
TSU
5.00
TH
1.75
ns
TWH
8.25
TWL
5.00
OB11
CMOS inverting output buffer
capacitance load = 100 pF
12.4
12.3
ns
®
STKM2000 SERIES
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com