Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STKM2000
Description  2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STKM2000 Datasheet(HTML) 1 Page - STMicroelectronics

  STKM2000 Datasheet HTML 1Page - STMicroelectronics STKM2000 Datasheet HTML 2Page - STMicroelectronics STKM2000 Datasheet HTML 3Page - STMicroelectronics STKM2000 Datasheet HTML 4Page - STMicroelectronics STKM2000 Datasheet HTML 5Page - STMicroelectronics STKM2000 Datasheet HTML 6Page - STMicroelectronics STKM2000 Datasheet HTML 7Page - STMicroelectronics STKM2000 Datasheet HTML 8Page - STMicroelectronics STKM2000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
STKM2000 SERIES
2
µ/2 POLY/2 METAL BiCMOS
MIXED ANALOG-DIGITAL STANDARD CELLS
November 1989
ASIC PRODUCTS DESCRIPTION
®
s
ADVANCED BICMOS 2
µ/2 POLY/ 2 METAL
PROCESS
s
TWIN TUB PROCESS
s
HIGH LATCH-UP IMMUNITY
s
POWER SUPPLY :
MAXIMUM RATING : -0.5V TO 12V
OPERATING CONDITIONS : 3V TO 10V
s
MIXED ANALOG - DIGITAL LIBRARY :
ANALOG BIPOLAR LIBRARY
ANALOG CMOS LIBRARY
ANALOG BICMOS LIBRARY
DIGITAL CMOS LIBRARY
s
HIGH PROCESS PERFORMANCES:
TRANSITION FREQUENCY, NPN = 6 GHz
VERTICAL PNP = 2, 5 GHz
DIGITAL CMOS OPERATING FREQUENCY :
UP TO 30 MHz
s
CAD SOFTWARE SUPPORT:
FULLY INTEGRATED A.D.S. (ANALOG DE-
SIGN SYSTEM) WITH ANALOG BLOCK GEN-
ERATORS, SWITCHED CAPACITOR FILTER
COMPILER; DIGITAL FUNCTIONS GENER-
ATOR, RAM, ROM, PLA GENERATORS
s
AVAILABILITY OF EEPROM DEVICES, ZENER
DIODE, SCHOTTKY DIODE
With the STKM2000 series, SGS-THOMSON
Microelectronics introduces the “state of the art”
product for analog signal processing, chain from
sensor to actuator.
The introduction of new concepts (cells library and
CAD) opens the design of analog functions and
mixed analog and digital circuits with a safe and
powerful approach. This new ASIC approach is the
combination of innovative :
q
BICMOS process
q
Mixed libraries (ANALOG + DIGITAL)
q
Generators and compilers
q
“User friendly” CAD system
q
Customer interface
s
OPERATING TEMPERATURE RANGE:
COMMERCIAL: 0 TO 70
oC
INDUSTRIAL: -40 TO 85
oC
MILITARY: -55 TO 125
oC
s
PACKAGE OPTIONS:
DIL: PLASTIC OR CERAMIC
SMD: SO, PLCC, QFP
WAFER OR DIE
Figure 1 : The STKM2000 Series, a complete system solution
SENSOR
A
D S P
~
~
~
A
A / D
CONVERTER
D / A
CONVERTER
A
ACTUATOR
BIP
:
GB = 100MHz
MOS :
GB = 10MHz
C(MAX)
12 Bits
1/2 Bit
+
-
f
MAX = 30MHz
15 s
µ
12 Bits
1/2 Bit
+-
15 s
µ
500 mA max.
f
= 150kHz
1/10


Similar Part No. - STKM2000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK 4853 SANYO-STK 4853 Datasheet
377Kb / 4P
Integrated circuit
logo
List of Unclassifed Man...
STK-0029 ETC-STK-0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
STK-0050 ETC-STK-0050 Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
logo
SYC Electronica
STK-0050 SYC-STK-0050 Datasheet
60Kb / 1P
50W MIN. AF POWER AMPLIFIER
logo
List of Unclassifed Man...
STK-0050A ETC-STK-0050A Datasheet
18Kb / 1P
50W MIN AF POWER AMPLIFIER OUTPUT STAGE (D.P.P.)
More results

Similar Description - STKM2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5590 TI-TLV5590 Datasheet
213Kb / 16P
2-BIT ANALOG-TO-DIGITAL CONVERTER FOR FLEX
logo
Rohm
BU9761FS ROHM-BU9761FS Datasheet
70Kb / 6P
Quad 2-input / 2-output analog switch
logo
Integrated Device Techn...
IDT723612 IDT-IDT723612 Datasheet
350Kb / 29P
BiCMOS SyncBiFIFOO 64 x 36 x 2
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
logo
IMP, Inc
C1227 IMP-C1227 Datasheet
28Kb / 2P
HV BiCMOS 1.2mm 30V Double Metal - Double Poly
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
logo
List of Unclassifed Man...
12BH220-GR ETC2-12BH220-GR Datasheet
79Kb / 1P
Battery Holder 2 C Cells
logo
Pericom Semiconductor C...
PT8A995 PERICOM-PT8A995 Datasheet
133Kb / 10P
Digital Proportional Remote Controller with 2 Analog CHs & 2 Digital CHs
logo
Schneider Electric
BMXAMM0600 SCHNEIDER-BMXAMM0600 Datasheet
149Kb / 5P
mixed analog I/O module X80 - 4 inputs - 2 outputs
Apr 18, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com