Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STKM2000
Description  2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STKM2000 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STKM2000 Datasheet HTML 2Page - STMicroelectronics STKM2000 Datasheet HTML 3Page - STMicroelectronics STKM2000 Datasheet HTML 4Page - STMicroelectronics STKM2000 Datasheet HTML 5Page - STMicroelectronics STKM2000 Datasheet HTML 6Page - STMicroelectronics STKM2000 Datasheet HTML 7Page - STMicroelectronics STKM2000 Datasheet HTML 8Page - STMicroelectronics STKM2000 Datasheet HTML 9Page - STMicroelectronics STKM2000 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ANALOG LIBRARY AC ELECTRICAL CHARACTERISTICS ABSTRACT
Cell code
Description
Parameters
Min
Typ
Max
Unit
Test conditions
OSC11
Programmable crystal
Frequency
0.1
20
MHz
oscillator
OSC41P
RC oscillator
Frequency
1
100
800
KHz
Stability versus temperature
0.01
% /
oC
Stability versus voltage
0.5
% / V
OSC31P
One pad I.C oscillator
Frequency
2
200
KHz
Stability versus temperature
0.01
% /
oC
Stability versus voltage
0.5
% / V
Filters
Order
212
Center frequency
100
KHz
ADC81
8 bit analog to
Conversion time
5
µs
digital converter
Integral non linearity
± 0.5
LSB
Differential non linearity
± 0.5
LSB
DAC81
8 bit analog to
Conversion time
1
µs
digital converter
(CL = 2 pF)
Integral non linearity
± 0.5
LSB
®
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no
responsability for the consequences of use of such information nor for any infringement of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights
of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice.
This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or
systems without the express written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics - All rights reserved.
Purchase of I
2C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I 2C Patent. Rights to use these com-
ponents in an I
2C system is granted provided that the system conforms to the I 2C Standard Specification as defined by Philips.
SGS-THOMSON Microelectronics Group of Companies
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
STKM2000 SERIES
10/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com