Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STKM2000
Description  2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STKM2000 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STKM2000 Datasheet HTML 2Page - STMicroelectronics STKM2000 Datasheet HTML 3Page - STMicroelectronics STKM2000 Datasheet HTML 4Page - STMicroelectronics STKM2000 Datasheet HTML 5Page - STMicroelectronics STKM2000 Datasheet HTML 6Page - STMicroelectronics STKM2000 Datasheet HTML 7Page - STMicroelectronics STKM2000 Datasheet HTML 8Page - STMicroelectronics STKM2000 Datasheet HTML 9Page - STMicroelectronics STKM2000 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DC GENERAL ELECTRICAL CHARACTERISTICS
VDD = 5V
± 10% or VDD = 10V ± 10% (unless otherwise specified)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIH
High level TTL input voltage
VDD = 5V
± 10%
T
o = 0oC / + 70oC
2.0
V
T
o = - 40oC / + 85oC
2.25
V
T
o = - 55oC / + 125oC
2.25
V
VIL
Low level TTL input voltage
VDD = 5V
± 10%
0.8
V
all temp. ranges
V
VIH
High level CMOS input voltage
70%VDD
V
VIL
Low level CMOS input voltage
30%VDD
V
IOZH
Tristate output leakage current
VO = VDD
T
o = 0oC / + 70oC
2.5
µA
T
o = - 40oC / + 85oC
5
µA
T
o = - 55oC / + 125oC
10
µA
IOZL
VO = VSS
µA
T
o = 0oC / + 70oC
- 2.5
µA
T
o = - 40oC / + 85oC
- 5.0
µA
T
o = - 55oC / + 125oC
- 10.0
µA
IIH
High level input leakage current
VO = VDD
T
o = 0oC / + 70oC
1.0
µA
T
o = - 40oC / + 85oC
3.0
µA
T
o = - 55oC / + 125oC
5.0
µA
IIL
Low level input leakage current
VI = VSS
T
o = 0oC / + 70oC
- 1.0
µA
T
o = - 40oC / + 85oC
- 3.0
µA
T
o = - 55oC / + 125oC
- 5.0
µA
ICC
Max admissible current per pin:
- analog
± 20
mA
- digital
± 40
mA
®
STKM2000 SERIES
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com