Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STKM2000 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STKM2000
Description  2 u/2 POLY/2 METAL BiCMOS MIXED ANALOG-DIGITAL STANDARD CELLS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STKM2000 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STKM2000 Datasheet HTML 2Page - STMicroelectronics STKM2000 Datasheet HTML 3Page - STMicroelectronics STKM2000 Datasheet HTML 4Page - STMicroelectronics STKM2000 Datasheet HTML 5Page - STMicroelectronics STKM2000 Datasheet HTML 6Page - STMicroelectronics STKM2000 Datasheet HTML 7Page - STMicroelectronics STKM2000 Datasheet HTML 8Page - STMicroelectronics STKM2000 Datasheet HTML 9Page - STMicroelectronics STKM2000 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ANALOG LIBRARY AC ELECTRICAL CHARACTERISTICS ABSTRACT
Cell code
Description
Parameters
Min
Typ
Max
Unit
Test conditions
CMP11
Static CMOS
Propagation delay
1
1.4
ms
comparator
(overdrive = 5 mV)
Offset
± 3
± 10
mV
CMP31
Static BICMOS
Propagation delay
90
110
ns
comparator
(overdrive = 5 mV)
Offset
± 2
± 7mV
CPX11
Capacitor fields
Unit capacitance
0.1
pF
Capacitor value range
0.1
50
pF
Absolute accuracy
± 15
%
Matching (capacitor ratio)
0.5
1.0
%
CPP11
Monolithic Capacitor
Capacitor range
1
100
pF
Absolute accuracy
± 15
%
RPM/PPM
Resistor/Potentiometer
Resistor value range
6.5
3000
K
Ω
P-Base
Absolute accuracy
± 20
%
Matching
± 1%
Temperature coefficient
0.2
%
Voltage coefficient
0.05
%
SWI1
Analog switch
Elementary switch RON value
525
K
Ω
Number of switches in parallel
13
MN11
Telescopic NMOS
RON value
100
Ω
transistor
OPA31
General purpose
Unity gain bandwidth
3.3
4.6
MHz
MOS Operational
Current consumption
700
µA
amplifier
Phase margin
o
(C1 = 100 pF, R2 = 10 k
Ω)
60
Offset
± 3
± 10
mV
OPA41
Internal bipolar
Unity gain-bandwidth
9
30
MHz
Operational Amplifier
current consumption
240
µA
Phase margin
62
o
(CL = 15 pF, RL = 100k
Ω)
Offset
± 1
± 5mV
OPA71
Rail to rail external
Unity gain bandwidth
2.3
MHz
MOS operational
current consumption
360
uA
Amplifier
Phase margin
80
o
(CL = 100 pF, RL = 100K
Ω)
Offset
± 3
± 10
mV
OTA11
MOS
Unity gain - bandwidth
24
MHz
transconductance
(CL = 2 pF)
amplifier
POR11
Programmable Power
on Reset
Active Level Accuracy
Hysteresis Accuracy
± 5
± 5
%
%
VRF11
Voltage bandgap
Output voltage accuracy
± 2%
reference
Temperature coefficient
100
ppm
Current consumption
15
µA
®
STKM2000 SERIES
9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com