Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61314SP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M61314SP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M61314SP
Download  M61314SP Download
File Size   341.38 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY

M61314SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61314SP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M61314SP
Download  M61314SP Click to download

File Size   341.38 Kbytes
Page   10 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY

M61314SP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M61314SP Product details

DESCRIPTION
M61314SP is Semiconductor Integrated Circuit for CRT Display Monitor. It includes OSD Blanking,OSD Mixing,Retrace Blanking,Video detector,Sync Sepa ,Wide band Amplifer. Brightness Control, Main/Sub Contrast,OSD level, 4ch D/A OUT,Video response adjust can be controlled by I2C Bus.

FEATURES
■ Frequency Band Width
   RGB: 180MHz (3Vp-p at -3dB)
   OSD: 80MHz
■ Input
   RGB: 0.7Vp-p(typical)
   OSD: 3.5V~5V(positive)
   OSD BLK: 3.5V~5V(positive)
   Retrace BLK: 2.5V~5V(positive)
   Clamp Pulse: 2.5V~5V(positive)
■ Output
   RGB: 5Vp-p
             (at Brightness less than 2V DC)
   OSD: 4Vp-p
             (at Brightness less than 2V DC)
   Sync OUT: 5Vp-p

APPLICATION EXAMPLE
   CRT Display Monitor




Similar Part No. - M61314SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results


Similar Description - M61314SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51387P MITSUBISHI-M51387P Datasheet
593Kb / 20P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M61311SP MITSUBISHI-M61311SP Datasheet
227Kb / 22P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61303FP RENESAS-M61303FP Datasheet
232Kb / 25P
I2C BUS Controlled 3channel Video Pre-amplifier for LCD Display Monitor
M61311SP RENESAS-M61311SP Datasheet
328Kb / 27P
l2C BUS Controlled Video Pre-amp for High Resolution Color Display
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com