Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61311SP Datasheet (PDF) - Renesas Technology Corp

M61311SP Datasheet PDF - Renesas Technology Corp
Part # M61311SP
Download  M61311SP Download
File Size   328.03 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description l2C BUS Controlled Video Pre-amp for High Resolution Color Display

M61311SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61311SP Datasheet PDF - Renesas Technology Corp

Part # M61311SP
Download  M61311SP Click to download

File Size   328.03 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description l2C BUS Controlled Video Pre-amp for High Resolution Color Display

M61311SP Datasheet (HTML) - Renesas Technology Corp


M61311SP Product details

Description
M61311SP/M61316SP is semiconductor integrated circuit for CRT display monitor.
It includes OSD blanking, OSD mixing, retrace blanking, video detector, sync separator, wide band amplifier, brightness control.
Main/sub contrast, video response adjust, ret BLK adjust, 4ch D/A OUT and OSD level adjust function can be controlled by I2C BUS.

Features
• Frequency band width: RGB 200 MHz (M61311SP) 150 MHz (M61316SP) (4 VP-P at −3 dB) OSD 80 MHz
• Input: RGB 0.7 VP-P (typ.)
        OSD 3.5 V to 5.0 V (positive)
        OSD BLK 3.5 V to 5.0 V (positive)
        Retrace BLK 2.5 V to 5.0 V (positive)
        Clamp pulse 2.5 V to 5.0 V (positive)
    Output: RGB 5 VP-P (at Brightness less than 2 VDC)
        OSD 4 VP-P (at Brightness less than 2 VDC)
        Sync OUT 5 VP-P
        Video det OUT High = 4.2 VDC, Low = 0.7 VDC

Application
    CRT display monitor




Similar Part No. - M61311SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61311SP MITSUBISHI-M61311SP Datasheet
227Kb / 22P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
More results


Similar Description - M61311SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51387P MITSUBISHI-M51387P Datasheet
593Kb / 20P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY
M52307P MITSUBISHI-M52307P Datasheet
548Kb / 17P
3-CHANNEL VIDEO AMPLIFIER FOR HIGH-RESOLUTION COLOR DISPLAY?
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52749FP MITSUBISHI-M52749FP Datasheet
185Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52780-XXXSP MITSUBISHI-M52780-XXXSP Datasheet
269Kb / 38P
I2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M61314SP MITSUBISHI-M61314SP Datasheet
341Kb / 10P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
M61311SP MITSUBISHI-M61311SP Datasheet
227Kb / 22P
I2C BUS CONTROLLED VIDEO PRE-AMP FOR HIGH RESOLUTION COLOR DISPLAY
logo
Renesas Technology Corp
M52749FP RENESAS-M52749FP Datasheet
328Kb / 27P
BUS Controlled 3ch Video Pre-amp for CRT Display Monitor
M61314SP RENESAS-M61314SP Datasheet
213Kb / 10P
I2C BUS Controlled Video Pre-amp for High Resolution Color Display
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com