Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61311SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 3Page - Renesas Technology Corp M61311SP Datasheet HTML 4Page - Renesas Technology Corp M61311SP Datasheet HTML 5Page - Renesas Technology Corp M61311SP Datasheet HTML 6Page - Renesas Technology Corp M61311SP Datasheet HTML 7Page - Renesas Technology Corp M61311SP Datasheet HTML 8Page - Renesas Technology Corp M61311SP Datasheet HTML 9Page - Renesas Technology Corp M61311SP Datasheet HTML 10Page - Renesas Technology Corp M61311SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 7 of 26
Electrical Characteristics
(VCC = 12 V, 5 V; Ta = 25°C, unless otherwise noted)
Min.
Limits
Input
CTL
Vol
BUS CTL (H)
Typ. Max. Unit
31
ABL
(V)
32
BRT
(V)
00H
Main
cont
FF
255
FF
255
FF
255
FF
255
00
0
00
0
00
0
00
0
00
0
00
0
FF
255
FF
255
FF
255
FF
255
00
0
00
0
00
0
00
0
00
0
00
0
FF
255
FF
255
FF
255
FF
255
00
0
00
0
00
0
00
0
00
0
00
0
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
C8
200
C8
200
C8
200
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
C8
200
C8
200
C8
200
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
80
128
80
128
80
128
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
80
128
80
128
80
128
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
10
16
10
16
10
16
00
0
00
0
FF
255
FF
255
FF
255
FF
255
FF
255
10
16
10
16
10
16
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
C8
200
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
80
128
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
80
128
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
10
16
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
10
16
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
46
70
FF
255
FF
255
FF
255
00
0
00
0
FF
255
FF
255
FF
255
FF
255
01H
Sub
R
cont
02H
Sub
G
cont
03H
Sub
B
cont
04H
OSD
Adj
05H
Re-
BLK
Adj
07H
D/A
OUT
1
08H
D/A
OUT
2
09H
D/A
OUT
3
0AH
D/A
OUT
4
06H
Sharp
ness
SonG
SW
VDET
SW
3
12 V
Vcc
2
R
IN
4
G
IN
7
B
IN
12
OSD
BLK
13
OSD
R
IN
14
OSD
G
IN
15
OSD
B
IN
17
RET
BLK
18
CP
IN
5
SonG
IN
5 V Circuit current1
power save mode
5 V Circuit current3
normal mode
Output dynamic range
Maximum input
Maximum gain
Relative maximum gain
12 V Circuit current2
normal mode
Main contrast control
characteristics1 (Max.)
Main contrast control
relative characteristics1
Main contrast control
characteristics2 (Typ.)
Main contrast control
relative characteristics2
Main contrast control
characteristics3 (Min.)
Main contrast control
relative characteristics3
Sub contrast control
characteristics1 (Max.)
Sub contrast control
relative characteristics1
Sub contrast control
characteristics2 (Typ.)
Sub contrast control
relative characteristics2
Sub contrast control
characteristics3 (Min.)
ABL control
characteristics1
ABL control relative
characteristics1
Brightness control
characteristics1
Brightness control
relative characteristics1
Brightness control
characteristics2
Brightness control
relative characteristics2
Brightness control
characteristics3
Clamp pulse
threshold voltage
Clamp pulse minimum
width
Note: Tr and Tf pulse characteristics 1 and 2 (4 Vp-p)
top: M61311SP, under: M61316SP
Pulse characteristics1
(4 VP-P)
Relative pulse
characteristics1 (4 VP-P)
Pulse characteristics2
(4 VP-P)
Relative pulse
characteristics2 (4 VP-P)
Brightness control
relative characteristics3
ABL control
characteristics2
ABL control relative
characteristics2
ABL control
characteristics3
ABL control relative
characteristics3
Sub contrast control
relative characteristics3
Item
Symbol
ICC1
ICC2
ICC3
Vomax
Vimax
GV
∆GV
VC1
∆VC1
VC2
∆VC2
VC3
∆VC3
VSC1
∆VSC1
VSC2
∆VSC2
VSC3
∆VSC3
ABL1
∆ABL1
ABL2
∆ABL2
ABL3
VB1
∆VB1
VB2
∆VB2
VB3
Tr
∆Tr
Tf
VthCP
WCP
∆Tf
∆VB3
∆ABL3
7.5
1.4
16
0.8
3.3
0.8
2.3
0.8
0.25
−0.2
3.3
0.8
2.3
0.8
0.2
−0.2
3.4
0.8
1.5
0.8
−0.3
−0.2
3.4
−0.3
1.6
−0.3
0.3
−0.3
−0.8
−0.8
0.7
0.2
6
105
4
9
17.5
1.0
4
1.0
2.8
1.0
0.55
0
4
1.0
2.8
1.0
0.5
0
4.2
1.0
2.0
1.0
0
0
3.8
0
1.9
0
0.5
0
0
0
1.5
10
130
8
19
1.2
4.7
1.2
3.3
1.2
0.85
0.2
4.7
1.2
3.3
1.2
0.8
0.2
5.0
1.2
2.5
1.2
0.3
0.2
4.2
0.3
2.2
0.3
0.7
0.3
0.8
0.8
2.3
a
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
b
5
5
5
5
5
5
5
5
5
5
5
5
4
2
0
5
5
5
5
5
5
5
2
2
2
0.5
2
2
2
2
2
2
2
2
2
2
2
4
2
0.5
2
2
2
2
a
a
a
b
b
b
b
b
b
b
b
b
b
b
b
a
a
a
b
b
a
a
a
a
a
b
b
b
b
b
b
b
b
b
b
b
b
a
a
a
b
b
a
a
a
a
a
b
b
b
b
b
b
b
b
b
b
b
b
a
a
a
b
b
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
a
mA
mA
mA
VDC
VP-P
dB
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VP-P
VDC
V
VDC
V
VDC
V
ns*
ns
ns*
ns
VDC
µs
2.2
3.0
3.5
2.7
2.2
3.0
3.5
2.7
Test
Point
26, 28,
30
26, 28,
30
26, 28,
30
IB
IA
IB
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
26, 28,
30
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0
08
8
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com