Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61311SP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 15Page - Renesas Technology Corp M61311SP Datasheet HTML 16Page - Renesas Technology Corp M61311SP Datasheet HTML 17Page - Renesas Technology Corp M61311SP Datasheet HTML 18Page - Renesas Technology Corp M61311SP Datasheet HTML 19Page - Renesas Technology Corp M61311SP Datasheet HTML 20Page - Renesas Technology Corp M61311SP Datasheet HTML 21Page - Renesas Technology Corp M61311SP Datasheet HTML 22Page - Renesas Technology Corp M61311SP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 19 of 26
Pin Description
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
2
4
7
R IN
G IN
B IN
3.5
CP
3.5 V
12 V
2.25 V
0.02 mA
2 k
2 k
Clamp to about 3.5 V due to
clamp pulse from pin 18.
Input at low impedance.
3
VCC1
(12 V)
12
Connect to the power supply
that stabilized.
5
SonG
IN
When open 2.3
5
5 V
30 k
1.5 k
10 k
1 k
1.5 k
2.28 V
2.4 V
0.2 mA
0.13 mA
6 k
6 k
SYNC ON VIDEO input pin.
Sync is negative.
Input signal at pin 5, compare
with the reference voltage of
internal circuit in order to
separate Sync signal from Sync
on Green signal.
Input at low impedance.
Do not input the signal without
the Sync.
When it does not use this
function, connect to capacitor
between GND, turn on Sync
Sepa SW by I
2C BUS.
1
6
8
16
27
GND
GND 1
GND 2
GND 3
GND 4
GND
Connect to GND.
9
Sync
Sepa
OUT
9
5 V
1 k
Sync Sepa output pin.
When the rise time of the signal
is sped up, connect about 2.3
k
Ω between 5 V power supply.
When it does not use, do
openly.
So as not to flow into pin 9 8 mA
over, resistance value does not
make to 2.3 k
Ω or under.
Output is a positive.
10
Video
Det
OUT
10
12 V
50 k
pin 10 needs to connect the 50
k
Ω between 5 V power supply.
When it does not use this
function, turn off Video Det SW
by I
2C BUS.
11
VCC
(5 V)
5
Connect to the power supply
that stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com