Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61311SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61311SP Datasheet HTML 1Page - Renesas Technology Corp M61311SP Datasheet HTML 2Page - Renesas Technology Corp M61311SP Datasheet HTML 3Page - Renesas Technology Corp M61311SP Datasheet HTML 4Page - Renesas Technology Corp M61311SP Datasheet HTML 5Page - Renesas Technology Corp M61311SP Datasheet HTML 6Page - Renesas Technology Corp M61311SP Datasheet HTML 7Page - Renesas Technology Corp M61311SP Datasheet HTML 8Page - Renesas Technology Corp M61311SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 2 of 26
Block Diagram
OSD R
OSD G
OSD B
R Sub Cont 8 bit
G Sub Cont 8 bit
B Sub Cont 8 bit
VCC 12 V
20
25
8
26
30
17
32
19
16
31
9
1
21 22 23 24
7
6
4
3
2
12
5
10
28
Clamp
Clamp
Clamp
Sync Sepa
Video Det
Clamp
F/B
Sub
contrast
Sub
contrast
Sub
contrast
Main
contrast
Main
contrast
Main
contrast
OSD Mix
OSD Mix
OSD Mix
Amp
Clamp
F/B
Amp
Clamp
F/B
Amp
Retrace
blanking
Retrace
blanking
Retrace
blanking
R IN
G IN
B IN
SonG IN
Video Det OUT
OSD
BLK
IN
OSD
R
IN
OSD
G
IN
OSD
B
IN
OSD
level 7 bit
Ret BLK
adjust
4 bit
CP
CP
CP
CP
CP
CP
CP
Main
contrast
8 bit
1 bit SW
1 bit SW
18
Clamp
Pulse
IN
Sync
Sepa
OUT
ABL IN
D/A OUT
R OUT
29 VCC 12 V
G OUT
27
B OUT
11 VCC 5 V
SDA
SCL
Retrace
BLK IN
BRIGHT
DAC
Bus
I/F
13
14
15
R Sub Cont 8 bit
G Sub Cont 8 bit
B Sub Cont 8 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com