Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61311SP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M61311SP
Description  l2C BUS Controlled Video Pre-amp for High Resolution Color Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61311SP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M61311SP Datasheet HTML 16Page - Renesas Technology Corp M61311SP Datasheet HTML 17Page - Renesas Technology Corp M61311SP Datasheet HTML 18Page - Renesas Technology Corp M61311SP Datasheet HTML 19Page - Renesas Technology Corp M61311SP Datasheet HTML 20Page - Renesas Technology Corp M61311SP Datasheet HTML 21Page - Renesas Technology Corp M61311SP Datasheet HTML 22Page - Renesas Technology Corp M61311SP Datasheet HTML 23Page - Renesas Technology Corp M61311SP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
M61311SP/M61316SP
REJ03F0199-0201 Rev.2.01 Mar 31, 2008
Page 20 of 26
Pin Description (cont.)
Pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
12
13
14
15
OSD
BLK IN
OSD R
IN
OSD G
IN
OSD B
IN
3.25 V
0.1 mA
3.25 V
500
500
500
500
12 V
Input the positive pulse
3.5 to 5 V
1.5 V to GND
When it does not use this
function, connect to GND.
When input OSD RGB pulse,
input OSD BLK pulse without
fail.
17
Retrace
BLK IN
2.25 V
50 k
12 V
17
Input the positive pulse
2.5 to 5 V
0.5 V to GND
When it does not use this
function, connect to GND.
18
Clamp
Pulse IN
18
0.15 mA
500
750
750
50 k
10 k
10 k
12 V
3.75 V
Input the positive pulse which
width 200 ns over.
Input at low impedance.
2.5 to 5 V
0.5 V to GND
19
SDA
19
2 k
3.0 V
12 V
SDA of I
2C BUS
(Serial data line)
Tth = 2.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com