Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1060 Datasheet (PDF) - Maxim Integrated Products

MAX1060 Datasheet PDF - Maxim Integrated Products
Part # MAX1060
Download  MAX1060 Download
File Size   488.24 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1060 Datasheet PDF - Maxim Integrated Products

Part # MAX1060
Download  MAX1060 Click to download

File Size   488.24 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface

MAX1060 Datasheet (HTML) - Maxim Integrated Products


MAX1060 Product details

General Description
The MAX1060/MAX1064 low-power, 10-bit analog-to-digital converters (ADCs) feature a successive-approximation ADC, automatic power-down, fast wake-up (2µs), an on-chip clock, +2.5V internal reference, and a high-speed, byte-wide parallel interface. The devices operate with a single +5V analog supply and feature a VLOGIC pin that allows them to interface directly with a +2.7V to +5.5V digital supply.

Features
♦ 10-Bit Resolution, ±0.5 LSB Linearity
♦ +5V Single-Supply Operation
♦ User-Adjustable Logic Level (+2.7V to +5.5V)
♦ Internal +2.5V Reference
♦ Software-Configurable Analog Input Multiplexer
    8-Channel Single Ended/
    4-Channel Pseudo-Differential (MAX1060)
    4-Channel Single Ended/
    2-Channel Pseudo-Differential (MAX1064)
♦ Software-Configurable Unipolar/Bipolar Analog Inputs
♦ Low Current
    2.5mA (400ksps)
    1.0mA (100ksps)
    400µA (10ksps)
    2µA (Shutdown)
♦ Internal 6MHz Full-Power Bandwidth Track/Hold
♦ Byte-Wide Parallel (8 + 2) Interface
♦ Small Footprint
    28-Pin QSOP (MAX1060)
    24-Pin QSOP (MAX1064)

Applications
    Industrial Control Systems
    Data Logging
    Energy Management
    Patient Monitoring
    Data-Acquisition Systems
    Touch Screens




Similar Part No. - MAX1060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1061ACEI+ MAXIM-MAX1061ACEI+ Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1061AEEI+ MAXIM-MAX1061AEEI+ Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
More results


Similar Description - MAX1060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com