Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7182CS Datasheet (PDF) - Renesas Technology Corp

EL7182CS Datasheet PDF - Renesas Technology Corp
Part # EL7182CS
Download  EL7182CS Download
File Size   457.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Phase, High Speed CCD Driver

EL7182CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7182CS Datasheet PDF - Renesas Technology Corp

Part # EL7182CS
Download  EL7182CS Click to download

File Size   457.65 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Phase, High Speed CCD Driver

EL7182CS Datasheet (HTML) - Renesas Technology Corp


EL7182CS Product details

2-Phase, High Speed CCD Driver

The EL7182 is extremely well suited for driving CCDs, especially where high contrast imaging is desirable. The 16V supply rating is attractive for higher voltage CCD applications, as in color fax machines. The input is TTL and 3V compatible. The low quiescent current requirement is advantageous in portable/battery powered systems. The EL7182 is available in 8 Ld PDIP and 8 Ld SOIC packages.

Features
• 3V and 5V Input compatible
• Clocking speeds up to 10MHz
• Reduced clock skew
• 20ns Switching/delay time
• 2A Peak drive
• Low quiescent current
• Wide operating voltage: 4.5V–16V
• Pb-free plus anneal available (RoHS compliant)

Applications
• CCD Drivers requiring high-contrast imaging
• Differential line drivers
• Push-pull circuits




Similar Part No. - EL7182CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL7182CS ELANTEC-EL7182CS Datasheet
183Kb / 8P
2-Phase, High Speed CCD Driver
logo
Intersil Corporation
EL7182CS INTERSIL-EL7182CS Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7182CS INTERSIL-EL7182CS Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
EL7182CSZ INTERSIL-EL7182CSZ Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
EL7182CSZ-T13 INTERSIL-EL7182CSZ-T13 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
More results


Similar Description - EL7182CS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7182C ELANTEC-EL7182C Datasheet
183Kb / 8P
2-Phase, High Speed CCD Driver
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182 Datasheet
91Kb / 5P
2-Phase, High Speed CCD Driver
January 1996
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
May 13, 2005
logo
National Semiconductor ...
LM98555 NSC-LM98555 Datasheet
688Kb / 9P
CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182_06 Datasheet
192Kb / 7P
2-Phase, High Speed CCD Driver
June 15, 2006
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
High-Speed Dual Precision CCD Driver
September 23, 2009
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
Dual Input, High Speed, Dual Channel CCD Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com