Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE461M02 Datasheet (PDF) - NEC

NE461M02 Datasheet PDF - NEC
Part # NE461M02
Download  NE461M02 Download
File Size   45.91 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER

NE461M02 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE461M02 Datasheet PDF - NEC

Part # NE461M02
Download  NE461M02 Click to download

File Size   45.91 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER

NE461M02 Datasheet (HTML) - NEC


NE461M02 Product details

DESCRIPTION
The NE461M02 is an NPN silicon epitaxial bipolar transistor designed for medium power applications requiring high dynamic range and low intermodulation distortion. This device offers excellent performance and reliability at low cost through NECs titanium, platinum, gold metallization system and direct nitride passivation of the surface of the chip. The NE461M02 is an excellent choice for low noise amplifiers in the VHF to UHF band and is suitable for CATV and other telecommunication applications.

FEATURES
• HIGH COLLECTOR CURRENT: 250 mA MAX
• NEW HIGH GAIN POWER MINI-MOLD PACKAGE (SOT-89 TYPE)
• HIGH OUTPUT POWER AT 1 dB COMPRESSION: 27 dBm TYP at 1 GHz
• HIGH IP3: 37 dBm TYP at 1 GHz




Similar Part No. - NE461M02

ManufacturerPart #DatasheetDescription
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE46100 CEL-NE46100 Datasheet
284Kb / 11P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
NEC
NE46134 NEC-NE46134 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
NE46134 CEL-NE46134 Datasheet
284Kb / 11P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
NEC
NE46134-T1 NEC-NE46134-T1 Datasheet
137Kb / 10P
NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results


Similar Description - NE461M02

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com