Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6006 Datasheet (PDF) - Renesas Technology Corp

HIP6006 Datasheet PDF - Renesas Technology Corp
Part # HIP6006
Download  HIP6006 Download
File Size   656.07 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

HIP6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP6006 Datasheet PDF - Renesas Technology Corp

Part # HIP6006
Download  HIP6006 Click to download

File Size   656.07 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

HIP6006 Datasheet (HTML) - Renesas Technology Corp


HIP6006 Product details

Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller

The HIP6006 provides complete control and protection for a DC-DC converter optimized for high-performance microprocessor applications. It is designed to drive two N Channel MOSFETs in a synchronous-rectified buck topology. The HIP6006 integrates all of the control, output adjustment, monitoring and protection functions into a single package.

Features
• Drives Two N-Channel MOSFETs
• Operates From +5V or +12V Input
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - 1.27V Internal Reference
    - ±1% Over Line Voltage and Temperature
• Over-Current Fault Monitor
    - Does Not Require Extra Current Sensing Element
    - Uses MOSFETs rDS(ON)
• Small Converter Size
    - Constant Frequency Operation
    - 200kHz Free-Running Oscillator Programmable from 50kHz to Over 1MHz
• 14 Pin, SOIC and TSSOP Package
• Pb-Free Available (RoHS Compliant)

Applications
• Power Supply for Pentium®, Pentium Pro, PowerPC™ and Alpha™ Microprocessors
• High-Power 5V to 3.xV DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - HIP6006

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6006 INTERSIL-HIP6006 Datasheet
462Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
April 1, 2005
HIP6006CB INTERSIL-HIP6006CB Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6006CB INTERSIL-HIP6006CB Datasheet
462Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
April 1, 2005
HIP6006CB-T INTERSIL-HIP6006CB-T Datasheet
462Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
April 1, 2005
More results


Similar Description - HIP6006

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
1997 09
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
June 1997
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 13, 2005
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
March 2001
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
April 4, 2005
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
March 10, 2006
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com