Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1592 Datasheet (PDF) - Semtech Corporation

SC1592 Datasheet PDF - Semtech Corporation
Part # SC1592
Download  SC1592 Download
File Size   292.89 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Dropout High Performance Adjustable Positive Voltage Regulator

SC1592 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1592 Datasheet PDF - Semtech Corporation

Part # SC1592
Download  SC1592 Click to download

File Size   292.89 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Low Dropout High Performance Adjustable Positive Voltage Regulator

SC1592 Datasheet (HTML) - Semtech Corporation


SC1592 Product details

Description

The SC1592 is a 3A low dropout high performance linear voltage regulator, that provides a low voltage, high current output with a minimum of external components, utilizing dual supply configuration.



Features

Wide input range, VIN= 1.25V to 16V,VCNTL= 3V to 16V

3A Guaranteed Output Current

260mV (typ) @ 3A dropout voltage in dual supply mode

1% Initial Accuracy

Adjustable output voltage, down to 0.8V

Programmable current limiting and thermal shutdown

Fast transient response

Excellent line and load regulation

Power SO-8 and 7-lead DDPAK




Similar Part No. - SC1592

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
Semtech Corporation
SC1592M SEMTECH-SC1592M Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
SC1592MSTRT SEMTECH-SC1592MSTRT Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
More results


Similar Description - SC1592

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP1R07A SEME-LAB-IP1R07A Datasheet
32Kb / 3P
3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Samtec, Inc
SC1592ISTRT SAMTEC-SC1592ISTRT Datasheet
740Kb / 19P
Low Dropout High Performance Adjustable Positive Voltage Regulator
logo
International Rectifier
OM186STM IRF-OM186STM Datasheet
277Kb / 5P
Adjustable Low Dropout Positive Voltage Regulator
logo
Solid States Devices, I...
SVR007B SSDI-SVR007B Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
SVR007B SSDI-SVR007B_15 Datasheet
150Kb / 2P
Low Dropout Positive Adjustable Linear Voltage Regulator
logo
Semtech Corporation
SC1592M SEMTECH-SC1592M Datasheet
520Kb / 12P
Low Dropout High Performance Adjustable Positive Voltage Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com