Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6160 Datasheet (PDF) - Renesas Technology Corp

ISL6160 Datasheet PDF - Renesas Technology Corp
Part # ISL6160
Download  ISL6160 Download
File Size   569.7 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description InfiniBand 12V Bulk and 5V Auxiliary Power Controller

ISL6160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6160 Datasheet PDF - Renesas Technology Corp

Part # ISL6160
Download  ISL6160 Click to download

File Size   569.7 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description InfiniBand 12V Bulk and 5V Auxiliary Power Controller

ISL6160 Datasheet (HTML) - Renesas Technology Corp


ISL6160 Product details

The ISL6160 is designed to address the unique power requirements of the InfiniBand (IB) industry initiative providing independent power control of both the VB(bulk) (+12V) and the VA(auxiliary) (+5V) power rails for a single port. This device can be implemented in both IB Class I (non isolated) and Class II (isolated) Power Topology applications.

Features
• VB Programmable Overcurrent Protection Regulation Level for 25W and 50W Ports
• Internal Charge Pump Allows the Use of an N-Channel MOSFET for VB Control
• VB Adjustable Turn-On Ramp
• Soft Start Overcurrent Protection During Turn-On
• Two Levels of VB Overcurrent Detection and Protection
• VA and VB Undervoltage Lock-Outs
• 0.125Ω Integrated Power N-Channel MOSFET VA Switch
• Accurate VA Current Sensing and Limiting (1A)
• Timed Current Regulation Period (VB Optional)
• VA Controlled Turn-On Ramp Time
• 1μs Response Time to VB Secondary Rail Dead Short
• Pb-free available

Applications
• InfiniBand VB and VA Voltage Control
• -48V and 5V Telecom




Similar Part No. - ISL6160

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6160 INTERSIL-ISL6160 Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
ISL6160CB INTERSIL-ISL6160CB Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
ISL6160CB-T INTERSIL-ISL6160CB-T Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
ISL6160CBZA INTERSIL-ISL6160CBZA Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
ISL6160CBZA-T INTERSIL-ISL6160CBZA-T Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
More results


Similar Description - ISL6160

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
Synchronous CPU Buck Controller for 12V and 5V Applications
Rev. 3/11/99
logo
Intersil Corporation
ISL6160 INTERSIL-ISL6160 Datasheet
262Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
July 2004
logo
Maxim Integrated Produc...
MAX8533 MAXIM-MAX8533 Datasheet
240Kb / 10P
Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
Rev 0; 4/03
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com