Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6160 Datasheet (PDF) - Intersil Corporation

ISL6160 Datasheet PDF - Intersil Corporation
Part # ISL6160
Download  ISL6160 Download
File Size   262.85 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description InfiniBand 12V Bulk and 5V Auxiliary Power Controller

ISL6160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6160 Datasheet PDF - Intersil Corporation

Part # ISL6160
Download  ISL6160 Click to download

File Size   262.85 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description InfiniBand 12V Bulk and 5V Auxiliary Power Controller

ISL6160 Datasheet (HTML) - Intersil Corporation


ISL6160 Product details

The ISL6160 is designed to address the unique power requirements of the InfiniBand (IB) industry initiative providing independent power control of both the VB(bulk) (+12V) and the VA(auxiliary) (+5V) power rails for a single port. This device can be implemented in both IB Class I (non isolated) and Class II (isolated) Power Topology applications.

Features
• VB Programmable Overcurrent Protection Regulation Level for 25W and 50W Ports
• Internal Charge Pump Allows the Use of an N-Channel MOSFET for VB Control
• VB Adjustable Turn-On Ramp
• Soft Start Overcurrent Protection During Turn-On
• Two Levels of VB Overcurrent Detection and Protection
• VA and VB Undervoltage Lock-Outs
• 0.125Ω Integrated Power N-Channel MOSFET VA Switch
• Accurate VA Current Sensing and Limiting (1A)
• Timed Current Regulation Period (VB Optional)
• VA Controlled Turn-On Ramp Time
• 1µs Response Time to VB Secondary Rail Dead Short
• Pb-free available

Applications
• InfiniBand VB and VA Voltage Control
• -48V and 5V Telecom




Similar Part No. - ISL6160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160CB RENESAS-ISL6160CB Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160CBZA RENESAS-ISL6160CBZA Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
ISL6160EVAL2 RENESAS-ISL6160EVAL2 Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
More results


Similar Description - ISL6160

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
Synchronous CPU Buck Controller for 12V and 5V Applications
Rev. 3/11/99
logo
Maxim Integrated Produc...
MAX8533 MAXIM-MAX8533 Datasheet
240Kb / 10P
Smallest, Most Reliable, 12V, Infiniband- Compliant Hot-Swap Controller
Rev 0; 4/03
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
12V/5V Input Buck PWM Controller
Rev 0; 5/06
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Renesas Technology Corp
ISL6160 RENESAS-ISL6160 Datasheet
569Kb / 11P
InfiniBand 12V Bulk and 5V Auxiliary Power Controller
logo
uPI Group Inc.
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com