Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62381 Datasheet (PDF) - Renesas Technology Corp

ISL62381 Datasheet PDF - Renesas Technology Corp
Part # ISL62381
Download  ISL62381 Download
File Size   1101.08 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers

ISL62381 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62381 Datasheet PDF - Renesas Technology Corp

Part # ISL62381
Download  ISL62381 Click to download

File Size   1101.08 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers

ISL62381 Datasheet (HTML) - Renesas Technology Corp


ISL62381 Product details

The ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C and ISL62383C family of controllers generate supply voltages for battery-powered systems. These controllers include two pulse-width modulation (PWM) controllers, adjustable from 0.6V to 5.5V, and two linear regulators, LDO5 and LDO3, that generate a fixed 5V and an adjustable output respectively, and each can deliver up to 100mA. The ISL62383 and ISL62383C have the same outputs as the ISL62381, ISL62382, ISL62381C and ISL62382C but without LDO3 linear regulator. The channel 2 switching regulator will automatically take over the LDO5 load when programmed to 5V output. This provides a large power savings and boosts efficiency. These controllers include onboard power-up sequencing, two power-good (PGOOD) outputs, digital soft-start, and internal soft-stop output discharge that prevent negative voltages on shutdown.

Features
• High Performance R3 Technology
• Fast Transient Response
• ±1% Output Voltage Accuracy: -10°C to +100°C
• Two Fully Programmable Switch-Mode Power Supplies with Independent Operation
• Programmable Switching Frequency
• Integrated MOSFET Drivers and Bootstrap Diode
• Adjustable (+1.2V to +5V) LDO Output
• Fixed +5V LDO Output with Automatic Switchover to SMPS2
• Internal Soft-Start and Soft-Stop Output Discharge
• Wide Input Voltage Range: +5.5V to +25V
• Full and Ultrasonic Pulse-Skipping Mode
• Power-Good Indicator
• Overvoltage, Undervoltage and Overcurrent Protection
• Fault Identification by PGOOD Pull-Down Resistance
• Thermal Monitor and Protection
• Pb-Free (RoHS Compliant)

Applications
• Notebook and Sub-Notebook Computers
• PDAs and Mobile Communication Devices
• 3-Cell and 4-Cell Li+ Battery-Powered Devices
• General Purpose Switching Buck Regulators




Similar Part No. - ISL62381

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
ISL62381 INTERSIL-ISL62381 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
ISL62381C INTERSIL-ISL62381C Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
ISL62381CHRTZ INTERSIL-ISL62381CHRTZ Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
ISL62381HRTZ INTERSIL-ISL62381HRTZ Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
More results


Similar Description - ISL62381

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
April 20, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com