Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL62381 Datasheet (PDF) - Intersil Corporation

ISL62381 Datasheet PDF - Intersil Corporation
Part # ISL62381
Download  ISL62381 Download
File Size   472.02 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers

ISL62381 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62381 Datasheet PDF - Intersil Corporation

Part # ISL62381
Download  ISL62381 Click to download

File Size   472.02 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers

ISL62381 Datasheet (HTML) - Intersil Corporation


ISL62381 Product details

High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers



The ISL62381, ISL62382, ISL62383, ISL62381C, ISL62382C and ISL62383C family of controllers generate supply voltages for battery-powered systems. These controllers include two pulse-width modulation (PWM) controllers, adjustable from 0.6V to 5.5V, and two linear regulators, LDO5 and LDO3, that generate a fixed 5V and an adjustable output respectively, and each can deliver up to 100mA.



Features

• High Performance R3 Technology

• Fast Transient Response

• ±1% Output Voltage Accuracy: -10°C to +100°C

• Two Fully Programmable Switch-Mode Power Supplies with Independent Operation

• Programmable Switching Frequency

• Integrated MOSFET Drivers and Bootstrap Diode

• Adjustable (+1.2V to +5V) LDO Output

• Fixed +5V LDO Output with Automatic Switchover to SMPS2

• Internal Soft-Start and Soft-Stop Output Discharge

• Wide Input Voltage Range: +5.5V to +25V

• Full and Ultrasonic Pulse-Skipping Mode

• Power-Good Indicator

• Overvoltage, Undervoltage and Overcurrent Protection

• Fault Identification by PGOOD Pull-Down Resistance

• Thermal Monitor and Protection

• Pb-Free (RoHS Compliant)



Applications

• Notebook and Sub-Notebook Computers

• PDAs and Mobile Communication Devices

• 3-Cell and 4-Cell Li+ Battery-Powered Devices

• General Purpose Switching Buck Regulators




Similar Part No. - ISL62381

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381C INTERSIL-ISL62381C Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL62381C RENESAS-ISL62381C Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381CHRTZ INTERSIL-ISL62381CHRTZ Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
More results


Similar Description - ISL62381

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
February 4, 2009
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
April 20, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com