Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97651 Datasheet (PDF) - Renesas Technology Corp

ISL97651 Datasheet PDF - Renesas Technology Corp
Part # ISL97651
Download  ISL97651 Download
File Size   845.52 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Channel Integrated LCD Supply

ISL97651 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97651 Datasheet PDF - Renesas Technology Corp

Part # ISL97651
Download  ISL97651 Click to download

File Size   845.52 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Channel Integrated LCD Supply

ISL97651 Datasheet (HTML) - Renesas Technology Corp


ISL97651 Product details

4-Channel Integrated LCD Supply

The ISL97651 represents a high power, integrated LCD supply IC targeted at large panel LCD displays. The ISL97651 integrates a high power, 4.4A boost converter for AVDD generation, an integrated VON charge pump, a VOFF charge pump driver, VON slicing circuitry and a buck regulator with 2A switch for logic generation.

Features
• 4V to 5.5V input supply
• AVDD boost up to 20V, with integrated 4.4A FET
• Integrated VON charge pump, up to 34VOUT
• VOFF charge pump driver, down to -18V
• VLOGIC buck down to 1.2V, with integrated 2A FET
• Automatic start-up sequencing
    - AVDD -> VOFF -> VON or AVDD/VOFF -> VON
    - Independent logic enable
• VON slicing
• Thermally enhanced thin QFN package (6mmx6mm)
• Pb-free (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TVs (40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97651ARTZ-T INTERSIL-ISL97651ARTZ-T Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97651ARTZ-TK INTERSIL-ISL97651ARTZ-TK Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
More results


Similar Description - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
4-Channel Integrated LCD Supply
November 28, 2006
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
5-Channel Integrated LCD Supply
September 7, 2010
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
4-Channel Integrated LCD Supply
April 17, 2009
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
4-Channel Integrated LCD Supply
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
6-Channel Integrated LCD Supply
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com