Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97651 Datasheet (PDF) - Intersil Corporation

ISL97651 Datasheet PDF - Intersil Corporation
Part # ISL97651
Download  ISL97651 Download
File Size   330.45 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel Integrated LCD Supply

ISL97651 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97651 Datasheet PDF - Intersil Corporation

Part # ISL97651
Download  ISL97651 Click to download

File Size   330.45 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4-Channel Integrated LCD Supply

ISL97651 Datasheet (HTML) - Intersil Corporation


ISL97651 Product details

4-Channel Integrated LCD Supply

The ISL97651 represents a high power, integrated LCD supply IC targeted at large panel LCD displays. The ISL97651 integrates a high power, 4.4A boost converter for AVDD generation, an integrated VON charge pump, a VOFF charge pump driver, VON slicing circuitry and a buck regulator with 2A switch for logic generation.

Features
• 4V to 5.5V input supply
• AVDD boost up to 20V, with integrated 4.4A FET
• Integrated VON charge pump, up to 34VOUT
• VOFF charge pump driver, down to -18V
• VLOGIC buck down to 1.2V, with integrated 2A FET
• Automatic start-up sequencing
    - AVDD -> VOFF -> VON or AVDD/VOFF -> VON
    - Independent logic enable
• VON slicing
• Thermally enhanced thin QFN package (6mmx6mm)
• Pb-free (RoHS compliant)

Applications
• LCD monitors (15”+)
• LCD-TVs (40”+)
• Notebook displays (up to 16”)
• Industrial/medical LCD displays




Similar Part No. - ISL97651

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL97651ARTZ-T RENESAS-ISL97651ARTZ-T Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL97651ARTZ-TK RENESAS-ISL97651ARTZ-TK Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
More results


Similar Description - ISL97651

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
4-Channel Integrated LCD Supply
November 28, 2006
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
5-Channel Integrated LCD Supply
September 7, 2010
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
4-Channel Integrated LCD Supply
April 17, 2009
logo
Renesas Technology Corp
ISL97650 RENESAS-ISL97650 Datasheet
865Kb / 20P
4-Channel Integrated LCD Supply
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
4-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
6-Channel Integrated LCD Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com