Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97653A Datasheet (PDF) - Intersil Corporation

ISL97653A Datasheet PDF - Intersil Corporation
Part # ISL97653A
Download  ISL97653A Download
File Size   752.35 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Channel Integrated LCD Supply

ISL97653A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97653A Datasheet PDF - Intersil Corporation

Part # ISL97653A
Download  ISL97653A Click to download

File Size   752.35 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5-Channel Integrated LCD Supply

ISL97653A Datasheet (HTML) - Intersil Corporation


ISL97653A Product details

The ISL97653A represents a fully integrated supply IC for LCD-TV applications. With an input operating range of 4V to 14V, both commonly used LCD-TV input supplies, 5V and 12V, are supported. An AVDD supply up to 20V is generated by a high-performance PWM BOOST converter with an integrated 4.4A FET. VON is generated using an integrated charge pump with on-chip diodes and can be modulated using an on-chip VON slice control circuit. VOFF is generated using an integrated charge pump controller. Additionally, the chip allows for two logic supplies. A buck regulator with an included 2.5A high side switch is used for the main logic output and an internal LDO controller can be used to generate a second logic LDO output.

Features
• 5V to 14V Input Supply
• Integrated 4.4A Boost Converter
• Integrated VON Charge Pump and VON Slice Circuit
• Integrated VOFF Charge Pump Output
• Integrated 2.5A Buck Converter
• LDO Controller for an Additional Logic Supply
• High Voltage Stress (HVS) Test Mode
• Thermal Shutdown
• 40 Ld QFN (6mmx6mm) Package
• Pb-Free (RoHS Compliant)

Applications
• LCD-TVs
• Industrial/Medical LCD Displays




Similar Part No. - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
logo
Renesas Technology Corp
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
logo
Renesas Technology Corp
ISL97653AIRZ RENESAS-ISL97653AIRZ Datasheet
1,018Kb / 19P
5-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
More results


Similar Description - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
4-Channel Integrated LCD Supply
November 28, 2006
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
4-Channel Integrated LCD Supply
April 17, 2009
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
4-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL97653A RENESAS-ISL97653A Datasheet
1,018Kb / 19P
5-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
6-Channel Integrated LCD Supply
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com