Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97678 Datasheet (PDF) - Renesas Technology Corp

ISL97678 Datasheet PDF - Renesas Technology Corp
Part # ISL97678
Download  ISL97678 Download
File Size   1415.91 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel 45V, 50mA LED Driver

ISL97678 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97678 Datasheet PDF - Renesas Technology Corp

Part # ISL97678
Download  ISL97678 Click to download

File Size   1415.91 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel 45V, 50mA LED Driver

ISL97678 Datasheet (HTML) - Renesas Technology Corp


ISL97678 Product details

8-Channel 45V, 50mA LED Driver

The ISL97678 is an 8-channel PWM dimming LED driver for LCD backlight applications. The ISL97678 is capable of driving up to 96 pieces of 3.4V/50mA LEDs but larger numbers of LEDs are possible if the LED forward voltage combined is less than 45V. The ISL97678 has 8 channels of voltage controlled current sources with typical currents matching to ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED strings. To minimize the voltage headroom and power loss in the typical multi-string operation, the ISL97678 features dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.

Features
• 8 channels
• 4.75V ~ 26V input
• 45V maximum output
• Drive typically 96 LEDs (3.4V/50mA each)
• External PWM input up to 20kHz dimming
• Dimming range 0.4%~100% up to 30kHz
• Current matching ±0.7% typical
• Protections
    - String open circuit and short circuit detections, OVP, and OTP
• Adjustable dimming frequency
• Adjustable switching frequency
• 32 Ld (5mmx5mm) QFN package

Applications
• Notebook displays WLED or RGB LED backlighting
• LCD monitor LED backlighting




Similar Part No. - ISL97678

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
8-Channel 45V 50mA LED Driver
November 5, 2009
ISL97678 INTERSIL-ISL97678 Datasheet
1Mb / 16P
8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results


Similar Description - ISL97678

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
8-Channel 45V 50mA LED Driver
November 5, 2009
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
ams AG
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
16-Channel 50mA LED Driver
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
8-Channel 45V, 50mA LED Driver
May 6, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com