Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97678 Datasheet (PDF) - Intersil Corporation

ISL97678 Datasheet PDF - Intersil Corporation
Part # ISL97678
Download  ISL97678 Download
File Size   1112.87 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel 45V, 50mA LED Driver

ISL97678 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97678 Datasheet PDF - Intersil Corporation

Part # ISL97678
Download  ISL97678 Click to download

File Size   1112.87 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel 45V, 50mA LED Driver

ISL97678 Datasheet (HTML) - Intersil Corporation


ISL97678 Product details

The ISL97678 is an 8-channel PWM dimming LED driver for
LCD backlight applications. The ISL97678 is capable of driving
up to 96 pieces of 3.4V/50mA LEDs but larger numbers of
LEDs is possible if the LED forward voltage combined is less
than 45V. The ISL97678 has 8 channels of voltage controlled
current sources with typical currents matching to ±1%, which
compensate for the non-uniformity effect of forward voltages
variance in the LED strings. To minimize the voltage headroom
and power loss in the typical multi-string operation, the
ISL97678 features dynamic headroom control that monitors
the highest LED forward voltage string and uses its feedback
signal for output regulation.
The ISL97678 features PWM dimming up to 30kHz with
0.4%~100% duty cycle and maintains ±1% current matching
across all ranges. The PWM dimming frequency can be
adjusted between 100Hz and 30kHz. The boost switching
frequency can also be adjusted between 600kHz and 1.5MHz.
The ISL97678 features extensive protection functions that
include string open and short circuit detections, OVP, and OTP.
ISL97678 is available in the 32 Leads QFN 5mmx5mm and
operate from -40°C to +85°C with input voltage ranges from
4.75V to 26V.

Features
• 8 Channels
• 4.75V ~ 26V Input
• 45V Maximum Output
• Drive Typically 96 LEDs (3.4V/50mA each)
• External PWM Input up to 20kHz Dimming
• Dimming range 0.4%~100% up to 30kHz
• Current Matching ±0.7% Typical
• Protections
- String Open Circuit and Short Circuit Detections, OVP, and
OTP
• Adjustable Dimming Frequency
• Adjustable Switching Frequency
• 32 Ld (5mmx5mm) QFN Package

Applications
• Notebook Displays WLED or RGB LED Backlighting
• LCD Monitor LED Backlighting




Similar Part No. - ISL97678

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
8-Channel 45V 50mA LED Driver
November 5, 2009
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
8-Channel 45V, 50mA LED Driver
logo
Intersil Corporation
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results


Similar Description - ISL97678

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
8-Channel 45V 50mA LED Driver
November 5, 2009
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
ams AG
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
16-Channel 50mA LED Driver
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
8-Channel 45V, 50mA LED Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com