Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97678 Datasheet (PDF) - Intersil Corporation

ISL97678 Datasheet PDF - Intersil Corporation
Part # ISL97678
Download  ISL97678 Download
File Size   927.56 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel 45V 50mA LED Driver

ISL97678 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97678 Datasheet PDF - Intersil Corporation

Part # ISL97678
Download  ISL97678 Click to download

File Size   927.56 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Channel 45V 50mA LED Driver

ISL97678 Datasheet (HTML) - Intersil Corporation


ISL97678 Product details

8-Channel 45V 50mA LED Driver

The ISL97678 is an 8-channel PWM dimming LED driver for LCD backlight applications. The ISL97678 is capable of driving up to 96 pieces of 3.4V/50mA LEDs but larger numbers of LEDs is possible if the LED forward voltage combined is less than 45V. The ISL97678 has 8 channels of voltage controlled current sources with typical currents matching to ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED strings. To minimize the voltage headroom and power loss in the typical multi-string operation, the ISL97678 features dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.

Features
• 8 Channels
• 4.75V ~ 26V Input
• 45V Maximum Output
• Drive Typically 96 LEDs (3.4V/50mA each)
• External PWM Input up to 25kHz Dimming
• Dimming range 0.8%~100% up to 30kHz
• Current Matching ±0.7%
• Protections
    - String Open Circuit and Short Circuit Detections, OVP, and OTP
• Adjustable Dimming Frequency
• Adjustable Switching Frequency
• 32 Ld (5mmx5mm) QFN Package

Applications
• Notebook Displays WLED or RGB LED Backlighting
• LCD Monitor LED Backlighting




Similar Part No. - ISL97678

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
8-Channel 45V, 50mA LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
1Mb / 16P
8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 15, 2011
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
September 27, 2012
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results


Similar Description - ISL97678

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
16-Channel 횞 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
50mA, 16-Channel LED Driver with Diagnostics
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
ams AG
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
16-Channel 50mA LED Driver
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
8-Channel 45V, 50mA LED Driver
May 6, 2014
logo
Renesas Technology Corp
ISL97678 RENESAS-ISL97678 Datasheet
1Mb / 17P
8-Channel 45V, 50mA LED Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com