Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA2-5033-2 Datasheet (PDF) - Renesas Technology Corp

HA2-5033-2 Datasheet PDF - Renesas Technology Corp
Part # HA2-5033-2
Download  HA2-5033-2 Download
File Size   701.64 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Video Buffer

HA2-5033-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA2-5033-2 Datasheet PDF - Renesas Technology Corp

Part # HA2-5033-2
Download  HA2-5033-2 Click to download

File Size   701.64 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Video Buffer

HA2-5033-2 Datasheet (HTML) - Renesas Technology Corp


HA2-5033-2 Product details

The HA-5033 is a unity gain monolithic IC designed for any application requiring a fast, wideband buffer. Featuring a bandwidth of 250MHz and outstanding differential phase/gain characteristics, this high performance voltage follower is an excellent choice for video circuit design. Other features, which include a minimum slew rate of 1000V/μs and high output drive capability, make the HA-5033 applicable for line driver and high speed data conversion circuits.

Features
• Differential Phase Error . . . . . . . . . . . . . . . . 0.02 Degrees
• Differential Gain Error . . . . . . . . . . . . . . . . . . . . . . 0.03%
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . 1100V/μs
• Wide Bandwidth (Small Signal) . . . . . . . . . . . . . . 250MHz
• Wide Power Bandwidth . . . . . . . . . . . . . . DC to 17.5MHz
• Fast Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3ns
• High Output Drive. . . . . . . . . . . . . . ±10V With 100Ω Load
• Wide Power Supply Range . . . . . . . . . . . . . ±5V to ±16V
• Replace Costly Hybrids

Applications
• Video Buffer
• High Frequency Buffer
• Isolation Buffer
• High Speed Line Driver
• Impedance Matching
• Current Boosters
• High Speed A/D Input Buffers
• Related Literature
    - AN548, Designer’s Guide for HA-5033




Similar Part No. - HA2-5033-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5033-2 INTERSIL-HA2-5033-2 Datasheet
235Kb / 9P
250MHz Video Buffer
September 1998
HA2-5033-2 INTERSIL-HA2-5033-2 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
More results


Similar Description - HA2-5033-2

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
250MHz Video Buffer
February 6, 2006
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
logo
Pericom Semiconductor C...
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com