Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL59424IRZ Datasheet (PDF) - Renesas Technology Corp

ISL59424IRZ Datasheet PDF - Renesas Technology Corp
Part # ISL59424IRZ
Download  ISL59424IRZ Download
File Size   885.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz Triple Multiplexing Amplifiers

ISL59424IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59424IRZ Datasheet PDF - Renesas Technology Corp

Part # ISL59424IRZ
Download  ISL59424IRZ Click to download

File Size   885.81 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1GHz Triple Multiplexing Amplifiers

ISL59424IRZ Datasheet (HTML) - Renesas Technology Corp


ISL59424IRZ Product details

The ISL59424, ISL59445 are 1GHz bandwidth multiplexing amplifiers designed primarily for video input switching. These MUX-amps exhibit a fixed gain of 1 and also feature a high speed three-state to enable the output of multiple devices to be wired together. All logic inputs have pull-downs to ground and may be left floating. The EN pin, when pulled high, sets the ISL59424, ISL59445 in to low current mode-consuming just 15mW. An added feature in the ISL59424 is a latch enable function (LE) that allows independent logic control using a common logic bus. When LE is high the last logic state is preserved.

Features
• Triple 2:1 and 4:1 Multiplexers for RGB
• Internally Set Gain-of-1
• High Speed Three-state Outputs (HIZ)
• Power-down Mode (EN)
• Latch Enable (ISL59424)
• ±5V Operation
• ±1200 V/µsec Slew Rate
• 1GHz Bandwidth
• Latched Select Pin (ISL59424)
• Pb-Free (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment




Similar Part No. - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
More results


Similar Description - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
500MHz Triple, Multiplexing Amplifiers
September 21, 2005
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
Dual, 500MHz Triple, Multiplexing Amplifiers
December 22, 2006
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
500MHz Triple, Multiplexing Amplifiers
February 23, 2006
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
500MHz Triple, Multiplexing Amplifiers
October 18, 2010
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
500MHz Triple Multiplexing Amplifiers
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
Dual, 500MHz Triple, Multiplexing Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com