Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319 Datasheet (PDF) - Analog Devices

AD8319 Datasheet PDF - Analog Devices
Part # AD8319
Download  AD8319 Download
File Size   1058.39 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 10 GHz, 45 dB Log Detector/Controller

AD8319 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8319 Datasheet PDF - Analog Devices

Part # AD8319
Download  AD8319 Click to download

File Size   1058.39 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 MHz to 10 GHz, 45 dB Log Detector/Controller

AD8319 Datasheet (HTML) - Analog Devices


AD8319 Product details

GENERAL DESCRIPTION
The AD8319 is a demodulating logarithmic amplifier, capable of accurately converting an RF input signal to a corresponding decibel-scaled output. It employs the progressive compression technique over a cascaded amplifier chain, each stage of which is equipped with a detector cell. The device can be used in either measurement or controller modes. The AD8319 maintains accurate log conformance for signals of 1 MHz to 8 GHz and provides useful operation to 10 GHz. The input dynamic range is typically 45 dB (re: 50 Ω) with error less than ±3 dB. The AD8319 has 6 ns/10 ns (fall time/rise time) response time that enables RF burst detection to a pulse rate of beyond 50 MHz. The device provides unprecedented logarithmic intercept stability vs. ambient temperature conditions. A supply of 3.0 V to 5.5 V is required to power the device. Current consumption is typically 22 mA, and it decreases to 200 µA when the device is disabled.

FEATURES
   Wide bandwidth: 1 MHz to 10 GHz
   High accuracy: ±1.0 dB over temperature
   45 dB dynamic range up to 8 GHz
   Stability over temperature: ±0.5 dB
   Low noise measurement/controller output VOUT
   Pulse response time (fall/rise): 6 ns/10 ns
   Small footprint: 2 mm × 3 mm LFCSP
   Supply operation: 3.0 V to 5.5 V @ 22 mA
   Fabricated using high speed SiGe process

APPLICATIONS
   RF transmitter PA setpoint controls and level monitoring
   Power monitoring in radiolink transmitters
   RSSI measurement in base stations, WLANs, WiMAX,
      and radars




Similar Part No. - AD8319

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
AD8319 AD-AD8319 Datasheet
270Kb / 4P
Creating a Constant Envelope Signal Using the ADL5331 RFVGA and AD8319 Log Detector
REV. 0
AD8319 AD-AD8319 Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
AD8319-EVAL AD-AD8319-EVAL Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
More results


Similar Description - AD8319

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8312 AD-AD8312 Datasheet
576Kb / 13P
100 MHz-2.7 GHz, 45 dB RF Log Detector
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
5/06-Rev. A to Rev. B
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
9/2017-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com