Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC122A Datasheet (PDF) - List of Unclassifed Manufacturers

SPC122A Datasheet PDF - List of Unclassifed Manufacturers
Part # SPC122A
Download  SPC122A Download
File Size   243.19 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOUND CONTROLLER WITH 128KB FLASH MEMORY

SPC122A Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC122A Datasheet PDF - List of Unclassifed Manufacturers

Part # SPC122A
Download  SPC122A Click to download

File Size   243.19 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SOUND CONTROLLER WITH 128KB FLASH MEMORY

SPC122A Datasheet (HTML) - List of Unclassifed Manufacturers


SPC122A Product details

[Sunplus Technology Co., Ltd.]

GENERAL DESCRIPTION
The SPC122A is a CPU based two-channel speech/melody synthesizer including CMOS 8-bit microprocessor with 69 instructions, 128K-bytes of Flash ROM for speech and melody data (Speech is compressed by a 4-bit ADPCM with approx. 36 sec speech duration @ 7KHz sampling rate) and 128-byte working SRAM. Its external memory is capable of being extended up to 256K. It provides Multi-Duty-Cycle output that can be implemented for remote-control purposes. It includes two Timer/Counters, 28 Software Selectable I/Os, 2 audio current D/A outputs (or one PWM audio output) and serial interface I/O port. Volume control is also provided. For audio processing, melody and speech can be mixed into one output. It operates over a wide voltage range of 2.4V - 5.5V.

FEATURES
■ 8-bit microprocessor
■ Provides 128K-byte Flash ROM for program and audio data
■ 128-byte working SRAM
■ Software-based audio processing
■ Wide operating voltage: 2.4V – 3.4V @ 2.0MHz
                                          3.6V – 5.5V @ 6.0MHz
■ Supports Crystal Resonator or Rosc (with bonding option)
■ Max. CPU clock: 2.0MHz @ 3V, 6.0MHz @ 5V
■ Standby mode (Clock Stop mode) for power savings. Max. 2A @ 5V
■ 500ns instruction cycle time @ 4.0MHz CPU clock
■ Provides 28 general I/Os
■ Two 12-bit timer/counters
■ 6 INT sources
■ Key wake-up function
■ Approx. 36 sec speech
   @ 7KHz sampling rate with ADPCM
■ Two 8-bit D/A output
■ One PWM audio output (single speaker)
■ Volume control function
■ Multi-Duty-Cycle outputs (1/2, 1/3, 1/4 duty)

APPLICATION FIELD
■ Intelligent education toys
   Ex. Pattern to voice (animal, car, color, etc.)
      Spelling (English or Chinese)
      Math
■ High end toy controller
■ Talking instrument controller
■ General speech synthesizer
■ Industrial controller




Similar Part No. - SPC122A

ManufacturerPart #DatasheetDescription
logo
Pro-Power
SPC12212 PROPOWER-SPC12212 Datasheet
153Kb / 1P
Expandable Sleeving
V1.0 25/05/20
SPC12213 PROPOWER-SPC12213 Datasheet
153Kb / 1P
Expandable Sleeving
V1.0 25/05/20
SPC12214 PROPOWER-SPC12214 Datasheet
153Kb / 1P
Expandable Sleeving
V1.0 25/05/20
SPC12215 PROPOWER-SPC12215 Datasheet
153Kb / 1P
Expandable Sleeving
V1.0 25/05/20
SPC12216 PROPOWER-SPC12216 Datasheet
153Kb / 1P
Expandable Sleeving
V1.0 25/05/20
More results


Similar Description - SPC122A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
19-Sep-2005
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
NAND Flash Memory Controller
logo
NXP Semiconductors
K22P121M100SF9 NXP-K22P121M100SF9 Datasheet
900Kb / 74P
Kinetis K22F 128KB Flash
Rev. 7, 08/2016
KV31P100M100SF9 NXP-KV31P100M100SF9 Datasheet
793Kb / 63P
Kinetis KV31F 128KB Flash
Rev. 7, 02/2016
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
16-bit Sound Controller with 256K x 16 Flash Memory
GPCE063A GENERALPLUS-GPCE063A Datasheet
668Kb / 29P
16-Bit Sound Controller with 32K X 16 Flash Memory
GPCH8128B GENERALPLUS-GPCH8128B Datasheet
719Kb / 20P
8-Channel Sound Controller with 128KB ROM
logo
Silicon Motion Technolo...
SM3257 SILICONMOTION-SM3257 Datasheet
343Kb / 1P
USB2.0 Flash Memory Controller
2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com