Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LDP-24DC Datasheet (PDF) - PHOENIX CONTACT

PR2-RSC3-LDP-24DC Datasheet PDF - PHOENIX CONTACT
Part # PR2-RSC3-LDP-24DC
Download  PR2-RSC3-LDP-24DC Download
File Size   113.69 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated LED, free-wheeling diode and engage/disengage manual actuate lever, and retaining bracket. Input voltage: 24 V DC, two PDTs, 10 A

PR2-RSC3-LDP-24DC Datasheet (PDF)

Go To PDF Page Download Datasheet
PR2-RSC3-LDP-24DC Datasheet PDF - PHOENIX CONTACT

Part # PR2-RSC3-LDP-24DC
Download  PR2-RSC3-LDP-24DC Click to download

File Size   113.69 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated LED, free-wheeling diode and engage/disengage manual actuate lever, and retaining bracket. Input voltage: 24 V DC, two PDTs, 10 A

PR2-RSC3-LDP-24DC Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - PR2-RSC3-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR2-RSC3-LV-120AC PHOENIX-PR2-RSC3-LV-120AC Datasheet
113Kb / 6P
Relay with detectable manual operation and status LED
PR2-RSC3-LV-230AC PHOENIX-PR2-RSC3-LV-230AC Datasheet
113Kb / 6P
With DC types, freewheeling diode is integrated in relay
PR2-RSC3-LV-24AC PHOENIX-PR2-RSC3-LV-24AC Datasheet
116Kb / 6P
With DC types, freewheeling diode is integrated in relay
More results


Similar Description - PR2-RSC3-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR1-RSC3-LV-230AC PHOENIX-PR1-RSC3-LV-230AC Datasheet
116Kb / 6P
Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
RIF-1-RSC-LDP-24DC PHOENIX-RIF-1-RSC-LDP-24DC Datasheet
127Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-2-RPT-LDP-24DC PHOENIX-RIF-2-RPT-LDP-24DC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
RIF-2-RSC-LDP-24DC PHOENIX-RIF-2-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-2-RSC-LDP-125DC PHOENIX-RIF-2-RSC-LDP-125DC Datasheet
122Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
RIF-3-RPT-LDP-24DC PHOENIX-RIF-3-RPT-LDP-24DC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RPT-LDP-24DC PHOENIX-RIF-4-RPT-LDP-24DC Datasheet
119Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com