Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LDP-24DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PR2-RSC3-LDP-24DC
Description  Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated LED, free-wheeling diode and engage/disengage manual actuate lever, and retaining bracket. Input voltage: 24 V DC, two PDTs, 10 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LDP-24DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PR2-RSC3-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834643
07/23/2018   Page 1 / 5
Relay Module - PR2-RSC3-LDP-24DC/2X21 - 2834643
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated
LED, free-wheeling diode and engage/disengage manual actuate lever, and retaining bracket. Input voltage:
24 V DC, two PDTs, 10 A
Why buy this product
 With DC types, freewheeling diode is integrated in relay
 Relay with detectable manual operation and status LED
 Logical contact arrangement thanks to 1/3-level relay base
 Mechanical switch position indicator
 4 PDT types with multi-layer gold contacts
Key Commercial Data
Packing unit
5 STK
GTIN
GTIN
4046356044530
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
27 mm
Height
78.5 mm
Depth
86 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Coil side


Similar Part No. - PR2-RSC3-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR2-RSC3-LV-120AC PHOENIX-PR2-RSC3-LV-120AC Datasheet
113Kb / 6P
Relay with detectable manual operation and status LED
PR2-RSC3-LV-230AC PHOENIX-PR2-RSC3-LV-230AC Datasheet
113Kb / 6P
With DC types, freewheeling diode is integrated in relay
PR2-RSC3-LV-24AC PHOENIX-PR2-RSC3-LV-24AC Datasheet
116Kb / 6P
With DC types, freewheeling diode is integrated in relay
More results

Similar Description - PR2-RSC3-LDP-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR1-RSC3-LV-230AC PHOENIX-PR1-RSC3-LV-230AC Datasheet
116Kb / 6P
Preassembled relay modules with screw connection, consisting of: relay base plug-in miniature power relay with power contacts, plug-in display/interference suppression module and relay retaining bracket. Input voltage: 230 V AC, contacts: 2 PDT, 8 A
RIF-1-RSC-LDP-24DC PHOENIX-RIF-1-RSC-LDP-24DC Datasheet
127Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-2-RPT-LDP-24DC PHOENIX-RIF-2-RPT-LDP-24DC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
RIF-2-RSC-LDP-24DC PHOENIX-RIF-2-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-2-RSC-LDP-125DC PHOENIX-RIF-2-RSC-LDP-125DC Datasheet
122Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
RIF-3-RPT-LDP-24DC PHOENIX-RIF-3-RPT-LDP-24DC Datasheet
115Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RPT-LDP-24DC PHOENIX-RIF-4-RPT-LDP-24DC Datasheet
119Kb / 7P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com