Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LDP-24DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PR2-RSC3-LDP-24DC
Description  Preassembled relay modules with screw connection, consisting of: relay base, industrial relay with integrated LED, free-wheeling diode and engage/disengage manual actuate lever, and retaining bracket. Input voltage: 24 V DC, two PDTs, 10 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LDP-24DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PR2-RSC3-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834643
07/23/2018   Page 2 / 5
Relay Module - PR2-RSC3-LDP-24DC/2X21 - 2834643
Technical data
Coil side
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
see diagram
Typical input current at UN
38 mA
Typical response time
13 ms
Typical release time
14 ms
Protective circuit
Damping diode
Operating voltage display
Green LED
Power dissipation for nominal condition
0.91 W
Contact side
Contact type
2 PDT
Type of switch contact
Single contact
Contact material
Ag
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
5 V
Min. switching current
1 mA
Maximum inrush current
20 A (15 ms)
Limiting continuous current
10 A
Interrupting rating (ohmic load) max.
2500 VA (for 250 V AC)
240 W (at 24 V DC)
144 W (at 48 V DC)
108 W (at 60 V DC)
72 W (at 110 V DC)
110 W (at 220 V DC)
General
Test voltage relay winding/relay contact
2 kV (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2 kV (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT I (Relay)
Mechanical service life
5x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
7 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com