Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTXO-570B Datasheet (PDF) - Golledge Electronics Ltd

GTXO-570B Datasheet PDF - Golledge Electronics Ltd
Part # GTXO-570B
Download  GTXO-570B Download
File Size   569.84 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SM VCTCXO with 짹5.0ppm Stability and 짹40ppm Pullability

GTXO-570B Datasheet (PDF)

Go To PDF Page Download Datasheet
GTXO-570B Datasheet PDF - Golledge Electronics Ltd

Part # GTXO-570B
Download  GTXO-570B Click to download

File Size   569.84 Kbytes
Page   5 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SM VCTCXO with 짹5.0ppm Stability and 짹40ppm Pullability

GTXO-570B Datasheet (HTML) - Golledge Electronics Ltd


GTXO-570B Product details

Features
➠ Wide voltage control range
➠ 2.0mm maximum height
➠ Low power consumption
➠ Good frequency stability




Similar Part No. - GTXO-570B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GTXO-570 GOLLEDGE-GTXO-570 Datasheet
63Kb / 1P
5V SM TCXO Wide Pulling Range
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
63Kb / 1P
5V SM TCXO Wide Pulling Range
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
569Kb / 5P
SM VCTCXO with 짹2.5ppm Stability and 짹20ppm Pullability
GTXO-570C GOLLEDGE-GTXO-570C Datasheet
569Kb / 5P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GTXO-570 GOLLEDGE-GTXO-570_15 Datasheet
142Kb / 1P
5V SM TCXO - Wide Pulling Range
More results


Similar Description - GTXO-570B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-5351 GOLLEDGE-GXO-5351 Datasheet
565Kb / 4P
5V SM Oscillator with Tight Stability
GXO-5331 GOLLEDGE-GXO-5331 Datasheet
568Kb / 5P
3.3V SM Oscillator with Tight Stability
GTXO-576A GOLLEDGE-GTXO-576A Datasheet
551Kb / 4P
5V SM VCTCXO with 짹2.5ppm Stability and 짹10ppm Pullability
GTXO-570C GOLLEDGE-GTXO-570C Datasheet
569Kb / 5P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
569Kb / 5P
SM VCTCXO with 짹2.5ppm Stability and 짹20ppm Pullability
GTXO-91V GOLLEDGE-GTXO-91V Datasheet
586Kb / 5P
Miniature SM VCTCXO with Clipped Sine Output and 짹0.5ppm Stability Option
GTXO-203V GOLLEDGE-GTXO-203V Datasheet
584Kb / 5P
1.8V ~ 3.6V SM VCTCXO
GTXO-576B GOLLEDGE-GTXO-576B Datasheet
551Kb / 4P
5V SM VCTCXO with 짹5.0ppm Stability and 짹30ppm Pullability
GTXO-576C GOLLEDGE-GTXO-576C Datasheet
551Kb / 4P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GVXO-43F GOLLEDGE-GVXO-43F Datasheet
551Kb / 4P
3.3V VCXO with wide range of frequency stability and pullability options
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com