Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTXO-570B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GTXO-570B
Description  SM VCTCXO with 짹5.0ppm Stability and 짹40ppm Pullability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GTXO-570B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GTXO-570B Datasheet HTML 1Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 2Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 3Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 4Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GTXO-570B 1/5
v1.0
GTXO-570B
GTXO-570B
SM VCTCXO with ±5.0ppm Stability
SM VCTCXO with ±5.0ppm Stability
and ±40ppm Pullability
and ±40ppm Pullability
Wide voltage control range of ±40ppm
2.0mm maximum height
Good frequency stability ±5.0ppm
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Frequency stability
±5.0ppm
Operating temperature range
-30 to +75°C
Supply voltage (V )
Any
+5.0V (±5%)
+3.3V (±5%)
M
+3.0V (±5%)
L
Output waveform
Any
Clipped sine, 0.7V p-p, test load 10kΩ // 10pF
CMOS / 5 LSTTL
H
Frequency adjustment
±40.0ppm min via control voltage
DD


Similar Part No. - GTXO-570B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GTXO-570 GOLLEDGE-GTXO-570 Datasheet
63Kb / 1P
5V SM TCXO Wide Pulling Range
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
63Kb / 1P
5V SM TCXO Wide Pulling Range
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
569Kb / 5P
SM VCTCXO with 짹2.5ppm Stability and 짹20ppm Pullability
GTXO-570C GOLLEDGE-GTXO-570C Datasheet
569Kb / 5P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GTXO-570 GOLLEDGE-GTXO-570_15 Datasheet
142Kb / 1P
5V SM TCXO - Wide Pulling Range
More results

Similar Description - GTXO-570B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-5351 GOLLEDGE-GXO-5351 Datasheet
565Kb / 4P
5V SM Oscillator with Tight Stability
GXO-5331 GOLLEDGE-GXO-5331 Datasheet
568Kb / 5P
3.3V SM Oscillator with Tight Stability
GTXO-576A GOLLEDGE-GTXO-576A Datasheet
551Kb / 4P
5V SM VCTCXO with 짹2.5ppm Stability and 짹10ppm Pullability
GTXO-570C GOLLEDGE-GTXO-570C Datasheet
569Kb / 5P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GTXO-570A GOLLEDGE-GTXO-570A Datasheet
569Kb / 5P
SM VCTCXO with 짹2.5ppm Stability and 짹20ppm Pullability
GTXO-91V GOLLEDGE-GTXO-91V Datasheet
586Kb / 5P
Miniature SM VCTCXO with Clipped Sine Output and 짹0.5ppm Stability Option
GTXO-203V GOLLEDGE-GTXO-203V Datasheet
584Kb / 5P
1.8V ~ 3.6V SM VCTCXO
GTXO-576B GOLLEDGE-GTXO-576B Datasheet
551Kb / 4P
5V SM VCTCXO with 짹5.0ppm Stability and 짹30ppm Pullability
GTXO-576C GOLLEDGE-GTXO-576C Datasheet
551Kb / 4P
5V SM VCTCXO with 짹10.0ppm Stability and 짹60ppm Pullability
GVXO-43F GOLLEDGE-GVXO-43F Datasheet
551Kb / 4P
3.3V VCXO with wide range of frequency stability and pullability options
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com