Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTXO-570B Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GTXO-570B
Description  SM VCTCXO with 짹5.0ppm Stability and 짹40ppm Pullability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GTXO-570B Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GTXO-570B Datasheet HTML 1Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 2Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 3Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 4Page - Golledge Electronics Ltd GTXO-570B Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GTXO-570B 2/5
v1.0
Frequency range
9.60 ~ 50.0MHz
Dimensions
11.8 x 9.9 x 2.0mm
Storage temperature
range
-30 to +85°C
Frequency vs supply
voltage
±0.5ppm max ( V ±5%)
Ageing
±2.0ppm max per year
Supply current
2.0mA max (Sine output)
15.0mA max (CMOS output)
Control voltage range
+2.5V ±2.0V (5.0V supply)
+1.65V ±1.35V (3.3V supply)
+1.5V ±1.0V (3.0V supply)
Startup time
4ms max
Preset frequency
±1.0ppm / +25°C ±2°C
SPECIFICATIONS
DD
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com