Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1339F Datasheet (PDF) - Cypress Semiconductor

CY7C1339F Datasheet PDF - Cypress Semiconductor
Part # CY7C1339F
Download  CY7C1339F Download
File Size   418.72 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Pipelined Sync SRAM

CY7C1339F Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1339F Datasheet PDF - Cypress Semiconductor

Part # CY7C1339F
Download  CY7C1339F Click to download

File Size   418.72 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Pipelined Sync SRAM

CY7C1339F Datasheet (HTML) - Cypress Semiconductor


CY7C1339F Product details

Functional Description[1]
The CY7C1339F SRAM integrates 131,072 x 32 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK).

Features
• Registered inputs and outputs for pipelined operation
• 128K × 32 common I/O architecture
• 3.3V core power supply
• 2.5V / 3.3V I/O operation
• Fast clock-to-output times
   — 2.6 ns (for 250-MHz device)
   — 2.6 ns (for 225-MHz device)
   — 2.8 ns (for 200-MHz device)
   — 3.5 ns (for 166-MHz device)
   — 4.0 ns (for 133-MHz device)
   — 4.5 ns (for 100-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Offered in JEDEC-standard 100-pin TQFP and 119-ball BGA packages
• “ZZ” Sleep Mode Option




Similar Part No. - CY7C1339F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100AC CYPRESS-CY7C1339B-100AC Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100AI CYPRESS-CY7C1339B-100AI Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100BGC CYPRESS-CY7C1339B-100BGC Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100BGI CYPRESS-CY7C1339B-100BGI Datasheet
529Kb / 17P
128K x 32 Synchronous Pipelined Cache RAM
More results


Similar Description - CY7C1339F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
4-Mbit (128 K x 32) Pipelined Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com