Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1339G Datasheet (PDF) - Cypress Semiconductor

CY7C1339G Datasheet PDF - Cypress Semiconductor
Part # CY7C1339G
Download  CY7C1339G Download
File Size   340.45 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM

CY7C1339G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1339G Datasheet PDF - Cypress Semiconductor

Part # CY7C1339G
Download  CY7C1339G Click to download

File Size   340.45 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM

CY7C1339G Datasheet (HTML) - Cypress Semiconductor


CY7C1339G Product details

Functional Description[1]
The CY7C1339G SRAM integrates 128K x 32 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE1), depth-expansion Chip Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write Enables (BW[A:D], and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin.

Features
• Registered inputs and outputs for pipelined operation
• 128K × 32 common I/O architecture
• 3.3V core power supply (VDD)
• 2.5V/3.3V I/O power supply (VDDQ)
• Fast clock-to-output times
    — 2.6 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous output enable
• Available in lead-free 100-Pin TQFP package, lead-free and non-lead-free 119-Ball BGA package
• “ZZ” Sleep Mode Option




Similar Part No. - CY7C1339G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
629Kb / 21P
4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1339G-133AXC CYPRESS-CY7C1339G-133AXC Datasheet
645Kb / 22P
4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1339G-133AXE CYPRESS-CY7C1339G-133AXE Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
More results


Similar Description - CY7C1339G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
4-Mbit (128 K x 32) Pipelined Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com