Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1340G Datasheet (PDF) - Cypress Semiconductor

CY7C1340G Datasheet PDF - Cypress Semiconductor
Part # CY7C1340G
Download  CY7C1340G Download
File Size   349.45 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Pipelined DCD Sync SRAM

CY7C1340G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1340G Datasheet PDF - Cypress Semiconductor

Part # CY7C1340G
Download  CY7C1340G Click to download

File Size   349.45 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Pipelined DCD Sync SRAM

CY7C1340G Datasheet (HTML) - Cypress Semiconductor


CY7C1340G Product details

Functional Description[1]
The CY7C1340G SRAM integrates 128K x 32 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK).

Features
• Registered inputs and outputs for pipelined operation
• Optimal for performance (Double-Cycle deselect)
   — Depth expansion without wait state
• 128K × 32 common I/O architecture
• 3.3V core power supply (VDD)
• 3.3V / 2.5V I/O power supply (VDDQ)
• Fast clock-to-output times
   — 2.6 ns (for 250-MHz device)
• Provide high-performance 3-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed writes
• Asynchronous Output Enable
• Available in lead-free 100-Pin TQFP package
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1340G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340A CYPRESS-CY7C1340A Datasheet
225Kb / 12P
128K x 32 Synchronous-Pipelined RAM
CY7C1340A-100AC CYPRESS-CY7C1340A-100AC Datasheet
225Kb / 12P
128K x 32 Synchronous-Pipelined RAM
CY7C1340A-66AI CYPRESS-CY7C1340A-66AI Datasheet
225Kb / 12P
128K x 32 Synchronous-Pipelined RAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1340F-100AC CYPRESS-CY7C1340F-100AC Datasheet
348Kb / 17P
4-Mb (128K x 32) Pipelined DCD Sync SRAM
More results


Similar Description - CY7C1340G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
4-Mbit (128K x 36) Pipelined DCD Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com