Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1345F Datasheet (PDF) - Cypress Semiconductor

CY7C1345F Datasheet PDF - Cypress Semiconductor
Part # CY7C1345F
Download  CY7C1345F Download
File Size   421.46 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mb (128K x 36) Flow-Through Sync SRAM

CY7C1345F Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1345F Datasheet PDF - Cypress Semiconductor

Part # CY7C1345F
Download  CY7C1345F Click to download

File Size   421.46 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mb (128K x 36) Flow-Through Sync SRAM

CY7C1345F Datasheet (HTML) - Cypress Semiconductor


CY7C1345F Product details

Functional Description[1]
The CY7C1345F is a 131,072 x 36 synchronous cache RAM designed to interface with high-speed microprocessors with minimum glue logic. Maximum access delay from clock rise is 6.5 ns (133-MHz version). A 2-bit on-chip counter captures the first address in a burst and increments the address automatically for the rest of the burst access.

Features
• 128K × 36 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V or 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
   — 6.5 ns (133-MHz version)
   — 7.5 ns (117-MHz version)
   — 8.0 ns (100-MHz version)
   — 11.0 ns (66-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel® Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable • Offered in JEDEC-standard 100-pin TQFP and 119-ball BGA packages
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1345F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C13451G-100BZXE CYPRESS-CY7C13451G-100BZXE Datasheet
746Kb / 23P
4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1345B-100AC CYPRESS-CY7C1345B-100AC Datasheet
346Kb / 17P
128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1345B-100AI CYPRESS-CY7C1345B-100AI Datasheet
346Kb / 17P
128K x 36 Synchronous Flow-Through 3.3V Cache RAM
More results


Similar Description - CY7C1345F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351F CYPRESS-CY7C1351F Datasheet
427Kb / 15P
4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
4-Mbit (128K 횞 36) Flow-Through Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com