Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1351F Datasheet (PDF) - Cypress Semiconductor

CY7C1351F Datasheet PDF - Cypress Semiconductor
Part # CY7C1351F
Download  CY7C1351F Download
File Size   427.14 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture

CY7C1351F Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1351F Datasheet PDF - Cypress Semiconductor

Part # CY7C1351F
Download  CY7C1351F Click to download

File Size   427.14 Kbytes
Page   15 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture

CY7C1351F Datasheet (HTML) - Cypress Semiconductor


CY7C1351F Product details

Features
• Can support up to 133-MHz bus operations with zero wait states
   — Data is transferred on every clock
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self-timed output buffer control to eliminate the need to use OE
• Registered inputs for flow-through operation
• Byte Write capability
• 128K x 36 common I/O architecture
• 2.5V / 3.3V I/O power supply
• Fast clock-to-output times
   — 6.5 ns (for 133-MHz device)
   — 7.5 ns (for 117-MHz device)
   — 8.0 ns (for 100-MHz device)
   — 11.0 ns (for 66-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Asynchronous Output Enable
• JEDEC-standard 100 TQFP and 119 BGA packages
• Burst Capability—linear or interleaved burst order
• Low standby power




Similar Part No. - CY7C1351F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-40AC CYPRESS-CY7C1351-40AC Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-50AC CYPRESS-CY7C1351-50AC Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351-66AC CYPRESS-CY7C1351-66AC Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
More results


Similar Description - CY7C1351F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1355B-100AC CYPRESS-CY7C1355B-100AC Datasheet
560Kb / 33P
9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com