Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1338G Datasheet (PDF) - Cypress Semiconductor

CY7C1338G Datasheet PDF - Cypress Semiconductor
Part # CY7C1338G
Download  CY7C1338G Download
File Size   291.87 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Flow-Through Sync SRAM

CY7C1338G Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1338G Datasheet PDF - Cypress Semiconductor

Part # CY7C1338G
Download  CY7C1338G Click to download

File Size   291.87 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 4-Mbit (128K x 32) Flow-Through Sync SRAM

CY7C1338G Datasheet (HTML) - Cypress Semiconductor


CY7C1338G Product details

Features
• 128K X 32 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V or 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
   — 6.5 ns (133-MHz version)
   — 7.5 ns (117-MHz version)
   — 8.0 ns (100-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel®
   Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Lead-Free 100-pin TQFP and 119-ball BGA packages
• “ZZ” Sleep Mode option




Similar Part No. - CY7C1338G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
593Kb / 21P
4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
610Kb / 22P
4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXI CYPRESS-CY7C1338G-100AXI Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Similar Description - CY7C1338G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
4-Mbit (128K 횞 36) Flow-Through Sync SRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com