Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4540X Datasheet (PDF) - NXP Semiconductors

PBSS4540X Datasheet PDF - NXP Semiconductors
Part # PBSS4540X
Download  PBSS4540X Download
File Size   103.92 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40 V, 5 A NPN low VCEsat (BISS) transistor

PBSS4540X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4540X Datasheet PDF - NXP Semiconductors

Part # PBSS4540X
Download  PBSS4540X Click to download

File Size   103.92 Kbytes
Page   13 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 40 V, 5 A NPN low VCEsat (BISS) transistor

PBSS4540X Datasheet (HTML) - NXP Semiconductors


PBSS4540X Product details

DESCRIPTION
NPN low VCEsat transistor in a medium power SOT89 (SC-62) package.
PNP complement: PBSS5540X.

FEATURES
• High hFE and low VCEsat at high current operation
• High collector current capability: IC maximum 4 A
• High efficiency leading to less heat generation.

APPLICATIONS
• Medium power peripheral drivers (e.g. fan and motor)
• Strobe flash units for DSC and mobile phones
• Inverter applications (e.g. TFT displays)
• Power switch for LAN and ADSL systems
• Medium power DC-to-DC conversion
• Battery chargers.




Similar Part No. - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4540X NEXPERIA-PBSS4540X Datasheet
242Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
15 April 2020
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
More results


Similar Description - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS5540X NXP-PBSS5540X Datasheet
200Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X_15 Datasheet
200Kb / 13P
PNP low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS4540X NEXPERIA-PBSS4540X Datasheet
242Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
15 April 2020
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com