Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4540X Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS4540X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS4540X
Download  PBSS4540X Download
File Size   242.7 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 5 A NPN low VCEsat (BISS) transistor

PBSS4540X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4540X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS4540X
Download  PBSS4540X Click to download

File Size   242.7 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 40 V, 5 A NPN low VCEsat (BISS) transistor

PBSS4540X Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS4540X Product details

1. General description
NPN low VCEsat transistor in a medium power SOT89 (SC-62) package.
PNP complement: PBSS5540X.

2. Features and benefits
• High hFE and low VCEsat at high current operation
• High collector current capability: IC maximum 4 A
• High efficiency leading to less heat generation.
• AEC-Q101 qualified

3. Applications
• Medium power peripheral drivers (e.g. fan and motor)
• Strobe flash units for DSC and mobile phones
• Inverter applications (e.g. TFT displays)
• Power switch for LAN and ADSL systems
• Medium power DC-to-DC conversionc
• Battery chargers.




Similar Part No. - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X Datasheet
103Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4540X PHILIPS-PBSS4540X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
More results


Similar Description - PBSS4540X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540X PHILIPS-PBSS4540X Datasheet
103Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X Datasheet
100Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS5540X NXP-PBSS5540X Datasheet
200Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
PBSS4540X PHILIPS-PBSS4540X_15 Datasheet
206Kb / 13P
NPN low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
PBSS5540X PHILIPS-PBSS5540X_15 Datasheet
200Kb / 13P
PNP low VCEsat (BISS) transistor 40 V, 5 A
2004 Nov 04
logo
Nexperia B.V. All right...
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
PBSS5540X NEXPERIA-PBSS5540X Datasheet
239Kb / 13P
40 V, 5 A PNP low VCEsat (BISS) transistor
15 April 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com