Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431 Datasheet (PDF) - ON Semiconductor

KA431 Datasheet PDF - ON Semiconductor
Part # KA431
Download  KA431 Download
File Size   340.38 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Shunt Regulator

KA431 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA431 Datasheet PDF - ON Semiconductor

Part # KA431
Download  KA431 Click to download

File Size   340.38 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Shunt Regulator

KA431 Datasheet (HTML) - ON Semiconductor


KA431 Product details

Description
The KA431 / KA431A / KA431L are three-terminal adjustable regulators with a guaranteed thermal stability over the operating temperature range. The output voltage can be set to any value between VREF (approximately 2.5 V) and 36 V with two external resistors. These devices have a typical dynamic output impedance of 0.2 Ω. Active output circuitry provides a sharp turn-on characteristic, making these devices excellent replacements for Zener diodes in many applications.

Features
• Programmable Output Voltage to 36 V
• Low Dynamic Output Impedance: 0.2 Ω (Typical)
• Sink Current Capability: 1.0 to 100 mA
• Equivalent Full-Range Temperature Coefficient of 50 ppm/°C (Typical)
• Temperature Compensated for Operation Over Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn-on Response




Similar Part No. - KA431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
1Mb / 13P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
230Kb / 11P
Programmable Shunt Regulator
More results


Similar Description - KA431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com