Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA431
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431 Datasheet(HTML) 3 Page - ON Semiconductor

  KA431 Datasheet HTML 1Page - ON Semiconductor KA431 Datasheet HTML 2Page - ON Semiconductor KA431 Datasheet HTML 3Page - ON Semiconductor KA431 Datasheet HTML 4Page - ON Semiconductor KA431 Datasheet HTML 5Page - ON Semiconductor KA431 Datasheet HTML 6Page - ON Semiconductor KA431 Datasheet HTML 7Page - ON Semiconductor KA431 Datasheet HTML 8Page - ON Semiconductor KA431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
1. TMIN = -25°C, TMAX = +85°C.
Symbol
Parameter
Conditions
KA431
KA431A
KA431L
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
VREF
Reference
Input Voltage
VKA = VREF,
IKA = 10 mA
2.450 2.500 2.550 2.470 2.495 2.520 2.482 2.495 2.508
V
ΔVREF/
ΔT
Deviation of
Reference
Input Voltage
Over-
Temperature
VKA = VREF,
IKA =10 mA
TMIN ≤ TA ≤ TMAX
(1)
4.5
17.0
4.5
17.0
4.5
17.0
mV
ΔVREF/
ΔVKA
Ratio of
Change in
Reference
Input Voltage
to the
Change in
Cathode
Voltage
IKA =
10 mA
ΔVKA =
10V-VREF
-1.0
- 2.7
-1.0
- 2.7
-1.0
-2.7
mV / V
ΔVKA =
36 V-10 V
-0.5
-2.0
-0.5
-2.0
-0.5
-2.0
IREF
Reference
Input Current
IKA = 10 mA,
R1 =10 k
Ω, R2 = ∞
1.5
4.0
1.5
4.0
1.5
4.0
μA
ΔIREF/ ΔT
Deviation of
Reference
Input Current
Over Full
Temperature
Range
IKA = 10 mA,
R1 = 10 k
Ω, R2 = ∞
TA = Full Range
0.4
1.2
0.4
1.2
0.4
1.2
μA
IKA(MIN)
Minimum
Cathode
Current for
Regulation
VKA = VREF
0.45
1.00
0.45
1.00
0.45
1.00
mA
IKA(OFF)
Off - Stage
Cathode
Current
VKA = 36 V,
VREF = 0
0.05
1.00
0.05
1.00
0.05
1.00
μA
ZKA
Dynamic
Impedance
VKA = VREF,
IKA =1 to 100 mA
f
≥ 1.0 kHz
0.15
0.50
0.15
0.50
0.15
0.50
Ω
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com