Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA431
Description  Programmable Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA431 Datasheet(HTML) 2 Page - ON Semiconductor

  KA431 Datasheet HTML 1Page - ON Semiconductor KA431 Datasheet HTML 2Page - ON Semiconductor KA431 Datasheet HTML 3Page - ON Semiconductor KA431 Datasheet HTML 4Page - ON Semiconductor KA431 Datasheet HTML 5Page - ON Semiconductor KA431 Datasheet HTML 6Page - ON Semiconductor KA431 Datasheet HTML 7Page - ON Semiconductor KA431 Datasheet HTML 8Page - ON Semiconductor KA431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.onsemi.com
2
Block Diagram
Figure 1. Block Diagram
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications.
ON
Semiconductor does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Value
Unit
VKA
Cathode Voltage
37
V
IKA
Cathode Current Range (Continuous)
-100 to +150
mA
IREF
Reference Input Current Range
-0.05 to +10
mA
PD
Power Dissipation
TO-92, 8-SOIC Packages
770
mW
RθjA
Thermal Resistance, Junction to Ambient
TO-92, 8-SOIC Packages
160
°C/W
TOPR
Operating Temperature Range
-25 to +85
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Min.
Max.
Unit
VKA
Cathode Voltage
VREF
36
V
IKA
Cathode Current
1
100
mA
2.5 Ref
CATHODE
ANODE
REFERENCE
ANODE(A)
REFERENCE (R)
CATHODE (K)
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com